Electronic Components Datasheet Search
  English  ▼

X  

BLF378 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF378
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF378 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF378 Datasheet HTML 4Page - NXP Semiconductors BLF378 Datasheet HTML 5Page - NXP Semiconductors BLF378 Datasheet HTML 6Page - NXP Semiconductors BLF378 Datasheet HTML 7Page - NXP Semiconductors BLF378 Datasheet HTML 8Page - NXP Semiconductors BLF378 Datasheet HTML 9Page - NXP Semiconductors BLF378 Datasheet HTML 10Page - NXP Semiconductors BLF378 Datasheet HTML 11Page - NXP Semiconductors BLF378 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Fig.12 Test circuit for class-AB operation.
MGE617
L13
C17
C18
C19
R9
R11
IC1
C38
C37
C36
C35
L17
C26
C27
C25
L19
L21
R5
C12
C13
C9
R6
R7
L16
C22
C14
C23
C24
L14
R8
R2
R3
R4
L4
L1
C5
C4
C3
R1
C1
C2
C6
C7
C20
C21 C28
C29
C30
C33
C31
L22
L23
L24
L20
L18
L12
D.U.T.
L15
C32
C34
R10
L6 L8 L10
L5
L3
L2
50
Ω
input
50
Ω
output
L7 L9 L11
C8
C15
C10
C11
C16
+VDD1
,,,
,,,
,,,
,,,,
,,,,
,,,
,,
,,
A
A
+VDD1
+VDD2
f = 225 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com