Electronic Components Datasheet Search
  English  ▼

X  

LTC4260 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4260
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4260 Datasheet HTML 10Page - Linear Technology LTC4260 Datasheet HTML 11Page - Linear Technology LTC4260 Datasheet HTML 12Page - Linear Technology LTC4260 Datasheet HTML 13Page - Linear Technology LTC4260 Datasheet HTML 14Page - Linear Technology LTC4260 Datasheet HTML 15Page - Linear Technology LTC4260 Datasheet HTML 16Page - Linear Technology LTC4260 Datasheet HTML 17Page - Linear Technology LTC4260 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC4260
14
4260f
APPLICATIO S I FOR ATIO
Power Bad Fault
A power bad fault will be reported if the FB pin drops below
its 3.41V threshold while the FET is on. This pulls the GPIO
pin low immediately, when configured as PWRGD, and
sets the power bad present bit, C3, and the power bad fault
bit D3. A circuit will prevent a power bad fault if the GATE-
to-SOURCE voltage is low, eliminating false power bad
faults during power-up or power-down. If the FB pin
subsequently rises back above the threshold, the GPIO pin
will return to a high impedance state and bit C3 will be
cleared.
Fault Alerts
When any of the fault bits in FAULT register D are set, an
optional I2C bus alert can be generated by setting the
appropriate bit in the ALERT register B. This allows only
selected faults to generate alerts. At power-up the default
state is to not alert on faults. If an alert is enabled, the
corresponding fault will cause the ALERT pin to pull low.
After the bus master controller broadcasts the Alert Re-
sponse Address, the LTC4260 responds with its address
on the SDA line and releases ALERT as shown in Figure 11.
If there is a collision between two LTC4260s responding
with their addresses simultaneously, then the device with
the lower address wins arbitration and responds first. The
ALERT line will also be released if the device is addressed
by the bus master.
Once the ALERT signal has been released for one fault, it
will not be pulled low again until the FAULT register
indicates a different fault has occurred or the original fault
is cleared and it occurs again. Note that this means
repeated or continuing faults will not generate alerts until
the associated FAULT register bit has been cleared.
Resetting Faults
Faults are reset with any of the following conditions. First,
a serial bus command writing zeros to the FAULT register
D will clear the associated faults. Second, the entire FAULT
register is cleared when the switch is turned off by either
the ON pin or bit A3 going from high to low, or if the UV pin
is brought below its 1.23V reset threshold, or if INTVCC
falls below its 3.8V undervoltage lockout threshold. Fi-
nally, when BD_PRST is brought from high to low, only
FAULT bits D0-D3 and D5 are cleared, the bit D4 that
indicates a BD_PRST change of state will be set. Faults that
are still present (as indicated in the STATUS Register C)
cannot be cleared.
The FAULT register will not be cleared when autoretrying.
When autoretry is disabled the existence of a D0, D1 or D2
fault keeps the switch off. As soon as the fault is cleared,
the switch will turn on. If autoretry is enabled, then a high
value in C0, C1 or C2 will hold the switch off and the FAULT
register is ignored. Subsequently, when the C0, C1 and C2
bits are cleared, the switch is allowed to turn on again
Data Converter
The LTC4260 incorporates an 8-bit data converter that
continuously monitors three different voltages. The
SOURCE pin uses a 1/40 resistive divider to monitor a full-
scale voltage of 102.4V with 0.4V resolution (divider
converts 102.4V to 2.56V). The ADIN pin is monitored with
a 2.56V full scale and 10mV resolution, and the voltage
between the VDD and SENSE pins is monitored with a
76.8mV full scale and 300µV resolution.
The results from each conversion are stored in registers E,
F and G and are updated 10 times per second. Setting
CONTROL register bit A5 invokes a test mode that halts the
data converter updates so that registers E, F and G can be
written to and read from for software testing.
–
+
1.235V
GND
MOTHERBOARD
CONNECTOR
PLUG-IN
CARD
SOURCE
OUT
LTC4260
10µA
23
6
BD_PRST
14
CBD_PRST
LOAD
4260 F04
Figure 4. Plug-In Card Insertion/Removal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com