Electronic Components Datasheet Search
  English  ▼

X  

LTC4260 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4260
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260 Datasheet(HTML) 2 Page - Linear Technology

  LTC4260 Datasheet HTML 1Page - Linear Technology LTC4260 Datasheet HTML 2Page - Linear Technology LTC4260 Datasheet HTML 3Page - Linear Technology LTC4260 Datasheet HTML 4Page - Linear Technology LTC4260 Datasheet HTML 5Page - Linear Technology LTC4260 Datasheet HTML 6Page - Linear Technology LTC4260 Datasheet HTML 7Page - Linear Technology LTC4260 Datasheet HTML 8Page - Linear Technology LTC4260 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4260
2
4260f
Supply Voltages (VDD) ............................ – 0.3V to 100V
Input Voltages
SENSE ............................ VDD – 10V or –0.3V to VDD
SOURCE .......................... GATE – 5V to GATE + 0.3V
BD_PRST, FB, ON, OV, UV ................... –0.3V to 12V
ADR0-ADR2, TIMER, ADIN ..... –0.3V to INTVCC + 0.3V
SCL, SDAI ........................................... –0.3V to 6.5V
Output Voltages
GPIO ................................................... –0.3V to 100V
GATE (Note 3) ..................................... –0.3V to 100V
(Notes 1, 2)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ALERT, SDAO ........................................... –0.3V to 6.5V
Supply Voltage (INTVCC) ......................... –0.3V to 6.2V
Operating Temperature Range
LTC4260C ............................................... 0°C to 70°C
LTC4260I ............................................. –40°C to 85°C
Storage Temperature Range
GN, SW Packages ............................. – 65°C to 150°C
UH Package ...................................... – 65°C to 125°C
Lead Temperature (Soldering, 10 sec)
GN, SW Packages Only..................................... 300°C
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
SENSE
VDD
NC
UV
OV
GND
ON
SCL
SDAI
SDAO
ALERT
TIMER
GATE
SOURCE
NC
NC
GPIO
INTVCC
FB
ADR2
ADR1
ADR0
BD_PRST
ADIN
ORDER
PART NUMBER
LTC4260CSW
LTC4260ISW
LTC4260CGN
LTC4260IGN
TJMAX = 125°C, θJA = 85°C/W
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO
24
23
22
21
20
19
18
17
16
15
14
13
SENSE
VDD
NC
NC
UV
GND
ON
SCL
SDAI
SDAO
ALERT
TIMER
GATE
SOURCE
NC
NC
GPIO
INTVCC
FB
ADR2
ADR1
ADR0
BD_PRST
ADIN
ORDER
PART NUMBER
TJMAX = 125°C, θJA = 75°C/W
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
33
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
NC
NC
NC
UV
OV
GND
ON
SCL
NC
NC
NC
NC
GPIO
INTVCC
FB
ADR2
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) PCB ELECTRICAL CONNECTION OPTIONAL
ORDER
PART NUMBER
LTC4260CUH
LTC4260IUH
UH PART
MARKING
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 48V, unless otherwise noted.
4260
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General
VDD
Input Supply Range
●
8.5
80
V
IDD
Input Supply Current
●
25
mA
VDD(UVL)
VDD Supply Undervoltage Lockout
VDD Falling
●
7
7.45
7.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com