Electronic Components Datasheet Search
  English  ▼

X  

LTC4260 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4260
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260 Datasheet(HTML) 4 Page - Linear Technology

  LTC4260 Datasheet HTML 1Page - Linear Technology LTC4260 Datasheet HTML 2Page - Linear Technology LTC4260 Datasheet HTML 3Page - Linear Technology LTC4260 Datasheet HTML 4Page - Linear Technology LTC4260 Datasheet HTML 5Page - Linear Technology LTC4260 Datasheet HTML 6Page - Linear Technology LTC4260 Datasheet HTML 7Page - Linear Technology LTC4260 Datasheet HTML 8Page - Linear Technology LTC4260 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4260
4
4260f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 48V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Parameters
tPLH(GATE)
Input High (ON) to GATE High
CGATE = 1pF
●
13
µs
Propagation Delay
tPHL(GATE)
Input High (OV, BD_PRST), Input Low
CGATE = 1pF
●
0.5
3
µs
(ON, UV) to GATE Low Propagation Delay
tPHL(SENSE)
(VDD – SENSE) High to GATE Low
VDD – SENSE = 200mV, CGATE = 10nF
●
0.4
1
µs
ADC
Resolution (No Missing Codes)
(Note 4)
●
8
Bits
Integral Nonlinearity
VDD – SENSE (Note 5)
●
–2
0.5
2
LSB
SOURCE
●
–1.25
0.2
1.25
LSB
ADIN
●
–1.25
0.2
1.25
LSB
Offset Error
VDD – SENSE
●
–1.5
1.5
LSB
SOURCE
●
–1
1
LSB
ADIN
●
–1
1
LSB
1LSB Step Size
VDD – SENSE (Note 6)
●
292
300
308
µV
SOURCE
●
392
400
408
mV
ADIN
●
9.8
10
10.2
mV
Full-Scale Voltage
VDD – SENSE (Note 7)
●
74.9
76.8
78.7
mV
SOURCE
●
100.4
102.4
104.4
V
ADIN
●
2.51
2.560
2.61
V
Conversion Rate
10
Hz
I2C Interface
VADR(H)
ADR0 to ADR2 Input High Voltage
● INTVCC
INTVCC
INTVCC
V
Threshold
– 0.6
– 0.45
– 0.25
VADR(L)
ADR0 to ADR2 Input Low Voltage Threshold
●
0.25
0.45
0.65
V
IADR(IN)
ADR0 to ADR2 Input Current
ADR0 to ADR2 = 0V, 5.5V
●
–80
80
µA
VSDAI,SCL(TH)
SDAI, SCL Input Threshold
●
1.6
1.8
2
V
ISDAI,SCL(IN)
SDAI, SCL Input Current
SCL, SDAI = 5V
●
0
±1
µA
VSDAO(OL)
SDAO Output Low Voltage
ISDAO = 5mA
●
0.2
0.4
V
VALERT(OL)
ALERT Output Low Voltage
IALERT = 5mA
●
0.2
0.4
V
ISDAO,ALERT(IN) SDAO, ALERT Input Current
SDAO, ALERT = 5V
●
0
±1
µA
I2C Interface Timing (Note 4)
fSCL(MAX)
Maximum SCL Clock Frequency
Operates with fSCL ≤ fSCL(MAX)
400
kHz
tBUF(MIN)
Minimum Bus Free Time Between
0.12
1.3
µs
Stop/Start Condition
tSU,STA(MIN)
Minimum Repeated Start Condition
30
600
ns
Set-Up Time
tHD,STA(MIN)
Minimum Hold Time After (Repeated) Start
140
600
ns
Condition
tSU,STO(MIN)
Minimum Stop Condition Set-Up Time
30
600
ns
tSU,DAT(MIN)
Minimum Data Set-Up Time Input
30
100
ns
tHD,DATI(MIN)
Minimum Data Hold Time Input
–100
0
ns
tHD,DATO(MIN)
Minimum Data Hold Time Output
300
500
900
ns
tSP(MAX)
Maximum Suppressed Spike Pulse Width
50
110
250
ns
CX
SCL, SDA Input Capacitance
SDAI Tied to SDAO
5
10
pF
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com