Electronic Components Datasheet Search
  English  ▼

X  

LTC4260 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4260
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4260 Datasheet HTML 2Page - Linear Technology LTC4260 Datasheet HTML 3Page - Linear Technology LTC4260 Datasheet HTML 4Page - Linear Technology LTC4260 Datasheet HTML 5Page - Linear Technology LTC4260 Datasheet HTML 6Page - Linear Technology LTC4260 Datasheet HTML 7Page - Linear Technology LTC4260 Datasheet HTML 8Page - Linear Technology LTC4260 Datasheet HTML 9Page - Linear Technology LTC4260 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC4260
6
4260f
TYPICAL PERFOR A CE CHARACTERISTICS
Current Limit Sense Voltage
vs FB Voltage
Current Limit Propagation Delay
vs Sense Voltage
IGATE Pull Up vs Temperature
TA = 25°C, VDD = 48V unless otherwise noted.
FB VOLTAGE (V)
0
0
10
20
30
40
12
3
4
4260 G07
50
60
0.5
1.5
2.5
3.5
CURRENT LIMIT SENSE VOLTAGE (VDD – VSENSE) (mV)
0
0.1
1
10
100
1000
50
100
150
200
4260 G08
250
300
350
TEMPERATURE (°C)
–50
–10
–15
–20
–25
–25
0
25
50
4260 G09
75
100
Gate Drive vs IGATE
Gate Drive vs Temperature
IGATE (µA)
0
8
10
12
–20
4260 G10
6
4
0
–5
–10
–15
2
16
14
VDD = 80V
VDD = 48V
VDD = 12V
Gate Drive vs VDD
VDD (V)
5
12
14
16
20
30
4260 G11
10
8
10
15
25
35
85°C
25°C
–40°C
40
6
4
TEMPERATURE (°C)
–50
11
12
13
14
15
16
–25
025
50
4260 G12
75
100
ADC Total Unadjusted Error
vs Code (ADIN Pin)
CODE
0
0
1
256
4260 G14
–1
–2
64
128
192
2
TIMER Pull-Up Current
vs Temperature
TEMPERATURE (°C)
–50
–90
–95
–100
–105
–110
–25
0
25
50
4260 G06
75
100
GPIO VOUT Low vs ILOAD
ILOAD (mA)
0
14
12
10
8
6
4
2
0
30
50
4260 G13
10
20
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com