Electronic Components Datasheet Search
  English  ▼

X  

PQ111 Datasheet(PDF) 13 Page - Pico Technology Ltd.

Part # PQ111
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ111 Datasheet(HTML) 13 Page - Pico Technology Ltd.

Back Button PQ111 Datasheet HTML 9Page - Pico Technology Ltd. PQ111 Datasheet HTML 10Page - Pico Technology Ltd. PQ111 Datasheet HTML 11Page - Pico Technology Ltd. PQ111 Datasheet HTML 12Page - Pico Technology Ltd. PQ111 Datasheet HTML 13Page - Pico Technology Ltd. PQ111 Datasheet HTML 14Page - Pico Technology Ltd. PQ111 Datasheet HTML 15Page - Pico Technology Ltd. PQ111 Datasheet HTML 16Page - Pico Technology Ltd. PQ111 Datasheet HTML 17Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Full instrument functionality using PicoVNA 3 software
Show all S-parameters separately or combine on a single plot.
Configure as one, two or four channels and show one to four
live traces on each. Add one to four memory traces to each.
Plot both reflection parameters (S
11, S22) as LogMag and Phase.
Gain and phase can be combined in one plot, but with up to four
live traces, why not plot forward and reverse match and phase or
gain and phase together, as above?
Show S
11 and S22 on the same Smith chart.
Add up to four memory traces if required.
Plot both reflection parameters (S
11, S22) as LogMag and SWR.
Two of four memory traces in use to compare another DUT.
Compare network pulse responses using S
21 time domain.
Here using a live trace and up to four memory traces to
compare low pass filter responses with through response.
Display a single parameter at two sensitivities or offsets.
Here we see passband S
21 flatness and S21/S12 stopbands
as live traces on the same plot.
The PicoVNA 3 software and GUI interfaces with the VNA over USB 2.0 and displays or exports measurement results. MS Windows display, in default or dark theme, presents up to four user
configurable plot channels, with dual y-axis cartesian, polar or Smith plots, each supporting up to four live and four memory traces and eight measurement markers. Marker results are tabulated to the
right and summarized below each plot to give at-a-glance understanding of the networks under test. Y-axis reference, scalings and offset are click and drag or type editable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com