Electronic Components Datasheet Search
  English  ▼

X  

PQ111 Datasheet(PDF) 29 Page - Pico Technology Ltd.

Part # PQ111
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ111 Datasheet(HTML) 29 Page - Pico Technology Ltd.

Back Button PQ111 Datasheet HTML 25Page - Pico Technology Ltd. PQ111 Datasheet HTML 26Page - Pico Technology Ltd. PQ111 Datasheet HTML 27Page - Pico Technology Ltd. PQ111 Datasheet HTML 28Page - Pico Technology Ltd. PQ111 Datasheet HTML 29Page - Pico Technology Ltd. PQ111 Datasheet HTML 30Page - Pico Technology Ltd. PQ111 Datasheet HTML 31Page - Pico Technology Ltd. PQ111 Datasheet HTML 32Page - Pico Technology Ltd. PQ111 Datasheet HTML 33Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Z
0 impedance reference
System measurement impedance (default 50 Ω) can be mathematically converted to any
value between 10 Ω and 200 Ω. The PicoVNA software also supports the use of external
matching pads and calibration in the new impedance using a calibration kit of that
impedance.
Limit lines testing
The limit lines facility allows six segments to be defined for each displayed plot. These
can be extended to 11 segments using an overlapping technique. Visual and audible
alarms can be given when a limit line is crossed. All plot formats except Smith chart and
polar support limit testing. Peak hold functions are also available.
Supported calibrations
The PicoVNA 3 software supports a comprehensive range of calibration modes to address single or dual-port workload with male, female or mixed gender interfaces, all with best
achievable accuracy (least uncertainty). In some instances only a single calibration kit may be required, as has been outlined above.
As you would expect, the Pico calibration kits are individually serial-numbered and supplied with S-parameter data. This data is a traceable and accurate record of measured errors
for the calibration kit. It can be loaded into the software, which will correct for these errors and those of the instrument during a calibration.
Alternatively, you can use a third-party calibration kit whose
‘model’, electrical length, parasitic values and polynomial
coefficients you can enter into the software and then save
in Pico .kit format. Where a third party has supplied a
calibration kit S-parameter data file, please ask us about the
possibility of conversion to Pico format.
When using an automated E-Cal SOLT Standard, an extended
set of traceable S-parameter data sits within the device
and is read directly into the PicoVNA software over its USB
control and power connection.
As for any vector network analyzer, for best accuracy a
calibration is performed before a measurement with the
same sweep span and frequency steps as the measurement.
If, however, a change of sweep settings is necessary for a
measurement, the PicoVNA software will for convenience
interpolate its corrections to the new sweep settings.
An enhanced isolation calibration setting is available for
optimum dynamic range when using resolution bandwidths
below about 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com