Electronic Components Datasheet Search
  English  ▼

X  

PQ111 Datasheet(PDF) 22 Page - Pico Technology Ltd.

Part # PQ111
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ111 Datasheet(HTML) 22 Page - Pico Technology Ltd.

Back Button PQ111 Datasheet HTML 18Page - Pico Technology Ltd. PQ111 Datasheet HTML 19Page - Pico Technology Ltd. PQ111 Datasheet HTML 20Page - Pico Technology Ltd. PQ111 Datasheet HTML 21Page - Pico Technology Ltd. PQ111 Datasheet HTML 22Page - Pico Technology Ltd. PQ111 Datasheet HTML 23Page - Pico Technology Ltd. PQ111 Datasheet HTML 24Page - Pico Technology Ltd. PQ111 Datasheet HTML 25Page - Pico Technology Ltd. PQ111 Datasheet HTML 26Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Check standards
We offer two economical check standards that can be used to validate the accuracy of a network analysis test setup and its calibration before and during or after measurements
are made. Akin to the Beatty line, each check standard is a short length of mismatched line (75 mm of 25 Ω) with a predictable, smooth and stable mismatch and transmission
characteristic that spans the frequency range of the PicoVNAs. These devices validate system measurement accuracy in the presence of high and varying mismatch and thus
present a demanding validation on which to base confidence in a setup.
A comparison utility is provided in the PicoVNA 3 software (described on later pages) to evaluate the comparison against a combination of specified measurement uncertainties
for the device, test leads and instrument. Each check standard is supplied with Touchstone measurement data on USB memory stick. The data is traceable via PC3.5 standards to
national standards. The supplied Touchstone measurement data is compatible with, and can be used to manually validate a measurement of, any manufacturer’s VNA.
Two check standards are available: insertable SMA(m-f) and noninsertable SMA(f-f).
Order code
Name
Type
Ports/
Standards
Interface/
Impedance
Characterization
Supported calibration modes
TA430
CHK-INS-MF
Insertable with
a male and a
female port
Check
standard
2 ports/
25 Ω low-
impedance line
with transition
to 50 Ω ports
SMA(m)/50 Ω
Full S-parameter 300 kHz to 8.5 GHz.
Serial-numbered Touchstone file
provided on USB memory stick
Insertable 12-term calibration, all
S-parameters
TA431
CHK-NON-F
Noninsertable
with female ports
SMA(f)/50 Ω
Non-insertable, known and
unknown through calibrations, all
S-parameters
Please see Software description and Specifications for further details.
S-parameter and time-domain plots for TA431 over an 8.5 GHz span.
Minor but within-specification S
21 measurement errors present.
<<<<< Span of PicoVNA 106 >>>>>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com