Electronic Components Datasheet Search
  English  ▼

X  

PQ111 Datasheet(PDF) 32 Page - Pico Technology Ltd.

Part # PQ111
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ111 Datasheet(HTML) 32 Page - Pico Technology Ltd.

Back Button PQ111 Datasheet HTML 28Page - Pico Technology Ltd. PQ111 Datasheet HTML 29Page - Pico Technology Ltd. PQ111 Datasheet HTML 30Page - Pico Technology Ltd. PQ111 Datasheet HTML 31Page - Pico Technology Ltd. PQ111 Datasheet HTML 32Page - Pico Technology Ltd. PQ111 Datasheet HTML 33Page - Pico Technology Ltd. PQ111 Datasheet HTML 34Page - Pico Technology Ltd. PQ111 Datasheet HTML 35Page - Pico Technology Ltd. PQ111 Datasheet HTML 36Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Mixer measurements utility (PicoVNA 108 only)
External local oscillator and external power sensor support
A wide range of mixer performance and port isolation measurements can be carried out, including
swept RF or IF with a choice of low or high side LO. A PicoSource AS108 or a third-party signal
source is used as the external LO source, and this operates under the control of the PicoVNA 3 PC
application. The software also supports a third-party USB power sensor in the characterization of
port power.
Supported USB-controlled signal sources
Supported USB-controlled power sensors
PicoSource® AS108
Agilent/Keysight U8480, U2000
MiniCircuits SSG-15G, SSG-6000, SSG-6001
Rohde & Schwarz NRP8S, NRP8SN, NRP18S
TTi TGR 6000
Contact Pico if you’d like us to consider support for your choice of external USB signal generator or
power sensor.
VSWR correction
Mixers can be difficult to measure
accurately particularly when mixer
port match is relatively poor. The
PicoVNA 108 mixer measurement
calibration includes the option of
VSWR error correction. This reduces
the conversion loss measurement
uncertainty as typically shown in the
diagram.
Mixer compression
Conversion loss change as a function of the input RF level is easily determined. This can be
referenced either to the port power uncertainty of the PicoVNA, or you can use a third-party power
sensor (above) to pre-characterize the PicoVNA 108 port power for enhanced accuracy. The 0.1 and
1 dB compression points are displayed on completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com