Electronic Components Datasheet Search
  English  ▼

X  

TA479 Datasheet(PDF) 30 Page - Pico Technology Ltd.

Part # TA479
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA479 Datasheet(HTML) 30 Page - Pico Technology Ltd.

Back Button TA479 Datasheet HTML 26Page - Pico Technology Ltd. TA479 Datasheet HTML 27Page - Pico Technology Ltd. TA479 Datasheet HTML 28Page - Pico Technology Ltd. TA479 Datasheet HTML 29Page - Pico Technology Ltd. TA479 Datasheet HTML 30Page - Pico Technology Ltd. TA479 Datasheet HTML 31Page - Pico Technology Ltd. TA479 Datasheet HTML 32Page - Pico Technology Ltd. TA479 Datasheet HTML 33Page - Pico Technology Ltd. TA479 Datasheet HTML 34Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
PicoScope® 6000E Series
PicoScope
6426E
PicoScope
6425E
PicoScope
6824E
PicoScope
6424E
PicoScope
6406E
PicoScope
6405E
PicoScope
6804E
PicoScope
6404E
PicoScope
6403E
Vertical (digital channels with optional TA369 8-channel MSO pods)
Input channels
8 channels per MSO pod. Supports up to 2 pods / 16 channels.
Maximum detectable input frequency 500 MHz (1 Gb/s)
Minimum detectable pulse width
1 ns
Input connector (probe tip)
Staggered signal and ground sockets for each channel, to accept 0.64 to 0.89 mm round or 0.64 mm square pin, 2.54 mm pitch
Input characteristics
101 kΩ ±1%
∥3.5pF±0.5pF
Threshold range and resolution
±8 V in 5 mV steps
Threshold accuracy
±(100 mV + 3% of threshold setting)
Threshold
grouping
PicoScope 6
Threshold control per 8-channel pod
PicoSDK
Individual threshold for each channel
Threshold selection
TTL, CMOS, ECL, PECL, user-defined
Maximum input voltage at
probe tip
±40 V up to 10 MHz, derated linearly to ±5 V at 500 MHz
Minimum input voltage swing
400 mV peak to peak at maximum frequency
Hysteresis
(at DC)
PicoScope 6
Fixed hysteresis; approx. 100 mV
PicoSDK
Selectable hysteresis per 8-channel pod; approx. 50 mV, 100 mV, 200 mV or 400 mV
Minimum input slew rate
No limit
Horizontal
Maximum sampling rate (real time, 8-bit mode)
1-2 MSO pods, no analog channels
5 GS/s
1 analog channel plus up to 1 MSO
pod
2 analog channels, no MSO pods
5 GS/s[1]
5 GS/s[2]
5 GS/s[1]
5 GS/s[2]
5 GS/s[1]
2.5 GS/s[1]
2 analog channels plus 1-2 MSO pods
2.5 GS/s
2.5 GS/s[3]
2.5 GS/s
2.5 GS/s[3]
2.5 GS/s
Up to 4 total analog channels and/or
MSO pods
1.25 GS/s
Up to 8 total analog channels and
MSO pods
1.25 GS/s
Over 8 channels and MSO pods
N/A
625 MS/s
N/A
625 MS/s
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com