Electronic Components Datasheet Search
  English  ▼

X  

TA479 Datasheet(PDF) 35 Page - Pico Technology Ltd.

Part # TA479
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA479 Datasheet(HTML) 35 Page - Pico Technology Ltd.

Back Button TA479 Datasheet HTML 31Page - Pico Technology Ltd. TA479 Datasheet HTML 32Page - Pico Technology Ltd. TA479 Datasheet HTML 33Page - Pico Technology Ltd. TA479 Datasheet HTML 34Page - Pico Technology Ltd. TA479 Datasheet HTML 35Page - Pico Technology Ltd. TA479 Datasheet HTML 36Page - Pico Technology Ltd. TA479 Datasheet HTML 37Page - Pico Technology Ltd. TA479 Datasheet HTML 38Page - Pico Technology Ltd. TA479 Datasheet HTML 39Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
PicoScope® 6000E Series
PicoScope
6426E
PicoScope
6425E
PicoScope
6824E
PicoScope
6424E
PicoScope
6406E
PicoScope
6405E
PicoScope
6804E
PicoScope
6404E
PicoScope
6403E
DeepMeasure™
Parameters
Cycle number, cycle time, frequency, low pulse width, high pulse width, duty cycle (high), duty cycle (low), rise time, fall time, undershoot,
overshoot, max. voltage, min. voltage, voltage peak to peak, start time, end time
Serial decoding
Protocols
1-Wire, ARINC 429, BroadR-Reach, CAN & CAN FD, DALI, DCC, DMX512, Ethernet 10Base-T, Fast Ethernet 100Base-TX, FlexRay, I²C, I²S, LIN,
Manchester, Modbus ASCII and Modbus RTU, PS/2, SENT Fast, SENT Slow, SPI, UART (RS-232/RS-422/RS-485), and USB (1.0/1.1)
Mask limit testing
Statistics
Pass/fail, failure count, total count
Mask creation
User-drawn, table entry, auto-generated from waveform or imported from file
Display
Display modes
Scope, XY scope, persistence, spectrum.
Interpolation
Linear or sin(x)/x
Persistence modes
Digital color, analog intensity, custom, fast
Output file formats
bmp, csv, gif, animated gif, jpg, mat, pdf, png, psdata, pssettings, txt
Output functions
Copy to clipboard, print
General specifications
PC connectivity
USB 3.0 SuperSpeed (USB 2.0 compatible)
PC connector type
USB Type B
Power requirement
12 V DC from supplied PSU. Up to 5 A (scope only) or 7 A including scope-powered accessories
Ground terminal
Functional ground terminal accepting wire or 4 mm plug, rear-panel
Thermal management
Automatic fan speed control for low noise
Dimensions
245 x 192 x 61.5 mm
Weight
2.2 kg (scope only)
5.6 kg (in carry case with PSU and cables)
Ambient
temperature
range
Operating
0 to 40 °C
For quoted accuracy 15 to 30 °C after 20-minute warm-up
Storage
–20 to +60 °C
Humidity range
Operating
5% to 80% RH non-condensing
Storage
5% to 95% RH non-condensing
Altitude range
Up to 2000 m
Pollution degree
EN 61010 pollution degree 2: “only nonconductive pollution occurs except that occasionally a temporary conductivity caused by
condensation is expected”
Safety compliance
Designed to EN 61010-1:2010 + A1:2019
EMC compliance
Tested to EN 61326-1:2013 and FCC Part 15 Subpart B
Environmental compliance
RoHS, REACH & WEEE
Warranty
5 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com