Electronic Components Datasheet Search
  English  ▼

X  

TA479 Datasheet(PDF) 4 Page - Pico Technology Ltd.

Part # TA479
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA479 Datasheet(HTML) 4 Page - Pico Technology Ltd.

  TA479 Datasheet HTML 1Page - Pico Technology Ltd. TA479 Datasheet HTML 2Page - Pico Technology Ltd. TA479 Datasheet HTML 3Page - Pico Technology Ltd. TA479 Datasheet HTML 4Page - Pico Technology Ltd. TA479 Datasheet HTML 5Page - Pico Technology Ltd. TA479 Datasheet HTML 6Page - Pico Technology Ltd. TA479 Datasheet HTML 7Page - Pico Technology Ltd. TA479 Datasheet HTML 8Page - Pico Technology Ltd. TA479 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
PicoScope® 6000E Series
What is FlexRes?
Pico FlexRes flexible-resolution oscilloscopes allow you to reconfigure the scope
hardware to optimize either the sampling rate or the resolution.
This means you can reconfigure the hardware to be either a fast (5 GS/s) 8-bit
oscilloscope for looking at digital signals, a 10-bit oscilloscope for general-purpose use
or a high-resolution 12-bit oscilloscope for audio work and other analog applications.
Whether you’re capturing and decoding fast digital signals or looking for distortion in
sensitive analog signals, FlexRes oscilloscopes are the answer.
FlexRes is available on the 8-channel PicoScope 6824E and the 4-channel PicoScope
6424E, 6425E and 6426E.
Resolution enhancement—a digital signal processing technique built into PicoScope 6—
can further increase the effective vertical resolution of the scope to 16 bits.
FlexRes – how we do it
Most digital oscilloscopes gain their high sampling rates by
interleaving multiple 8-bit ADCs. This interleaving process
introduces errors that always make the dynamic performance
worse than that of the individual ADC cores.
The FlexRes architecture employs multiple high-resolution
ADCs at the input channels in different time-interleaved and
parallel combinations to optimize, for example, the sampling
rate to 5 GS/s at 8 bits or the resolution to 12 bits at 1.25 GS/s.
For simplicity, the diagram shows one bank of four channels;
the 8-channel PicoScope 6824E has two banks. The 4-channel
FlexRes models use one quad-ADC chip for each pair of analog
channels.
Coupled with high signal-to-noise ratio amplifiers and a low-
noise system architecture, FlexRes technology can capture and
display signals up to 1 GHz with a high sampling rate, or lower-
speed signals with 16 times more resolution than typical 8-bit
oscilloscopes.
PicoScope 6 software lets you choose between setting the
resolution manually and leaving the scope in auto resolution
mode, where the optimal resolution is used for the chosen
settings.
12 bits
10 bits
8 bits
* See technical specifications for channel and sampling rate combinations.
MULTI-CHANNEL*
Independent sampling on all
channels at 8-bit or 10-bit
resolution.
TIME-INTERLEAVED*
Maximum 5 GS/s sampling
rate in 8 or 10-bit mode.
PARALLEL*
Simultaneous sampling in
12-bit mode at up to 1.25
GS/s on two channels.
ADC
1.25 GS/s
ADC
1.25 GS/s
ADC
1.25 GS/s
ADC
1.25 GS/s
ADC
1.25 GS/s
ADC
1.25 GS/s
ADC
1.25 GS/s
ADC
1.25 GS/s
A
A
n
B
n
C
n
D
n
A
n
A
n
A
n+1
A
n+2
A
n+3
A
A
B
C
D
ADC
1.25 GS/s
ADC
1.25 GS/s
ADC
1.25 GS/s
ADC
1.25 GS/s
TIMING
TIMING
TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com