Electronic Components Datasheet Search
  English  ▼

X  

TA479 Datasheet(PDF) 37 Page - Pico Technology Ltd.

Part # TA479
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA479 Datasheet(HTML) 37 Page - Pico Technology Ltd.

Back Button TA479 Datasheet HTML 31Page - Pico Technology Ltd. TA479 Datasheet HTML 32Page - Pico Technology Ltd. TA479 Datasheet HTML 33Page - Pico Technology Ltd. TA479 Datasheet HTML 34Page - Pico Technology Ltd. TA479 Datasheet HTML 35Page - Pico Technology Ltd. TA479 Datasheet HTML 36Page - Pico Technology Ltd. TA479 Datasheet HTML 37Page - Pico Technology Ltd. TA479 Datasheet HTML 38Page - Pico Technology Ltd. TA479 Datasheet HTML 39Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
PicoScope® 6000E Series
PicoScope 6000E Series oscilloscope kit
•
PicoScope 6000E Series PC oscilloscope
•
With PicoScope 6403E: P2036 300 MHz 10:1 passive probes (4)
•
With all other models: P2056 500 MHz 10:1 passive probes (4)
•
User’s Guide
•
12 V power adaptor, universal input
•
Localized IEC mains lead
•
USB cable 1.8 m
•
Storage/carry case
TA369 MSO pod kit
•
TA369 8-channel MSO pod
•
MSO test hooks (pack of 12)
•
MSO ground lead (8)
•
MSO ground clip 1-way (8)
•
MSO ground clip 4-way
•
MSO ground clip 8-way
•
MSO digital interface cable
•
Storage/carry case
PQ221 MSO pod spares kit
A spares kit is available containing the following items:
•
MSO ground clip 8-way
•
MSO ground clip 4-way
•
MSO ground clip 1-way (8)
•
MSO ground lead (8)
Kit contents
A3000 active oscilloscope probe kits:
PQ254 A3136 probe 1.3 GHz
PQ265 A3076 probe 750 MHz
Each probe is supplied in a kit containing the following parts:
(8 off)
(8 off)
•
Probe tip (pack of 10)
•
Spring tip (pack of 10)
•
Cable pin (pack of 10)
•
Ground blade (pack of 2 sizes, 2 of each)
•
Ground leads (2)
•
Channel color markers (8 colors, 2 of each)
•
Gold plated copper wire 0.3 mm 30 SWG
•
Micro SMD pincer, black
•
Micro SMD pincer, red
•
Joggle adaptors (2)
•
Carry case
•
Quick start guide
A comprehensive selection of replacement probe
accessories are available on www.picotech.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com