Electronic Components Datasheet Search
  English  ▼

X  

AD8153 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8153
Description  Single Buffered Switch 3.2 Gbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 4 Page - Analog Devices

  AD8153 Datasheet HTML 1Page - Analog Devices AD8153 Datasheet HTML 2Page - Analog Devices AD8153 Datasheet HTML 3Page - Analog Devices AD8153 Datasheet HTML 4Page - Analog Devices AD8153 Datasheet HTML 5Page - Analog Devices AD8153 Datasheet HTML 6Page - Analog Devices AD8153 Datasheet HTML 7Page - Analog Devices AD8153 Datasheet HTML 8Page - Analog Devices AD8153 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AD8153
Preliminary Technical Data
Rev. PrA | Page 4 of 18
SPECIFICATIONS
VCC = +3.3 V, VEE = 0 V, RL = 50 Ω, two outputs active with minimum pre-emphasis, data rate= 3.2 Gbps, VICM = 2.7 V1, VID = 800 mV p-
p2, TA = +25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Data Rate/Channel (NRZ)
DC
3.2
Gbps
Deterministic Jitter
Data rate = 3.2 Gbps
20
ps p-p
Random Jitter
RMS
1
ps
Propagation Delay
Input to output
600
ps
Lane-to-Lane Skew
100
ps
Switching Time
5
ns
Output Rise/Fall Time
20% to 80%
100
ps
INPUT CHARACTERISTICS
Input Voltage Swing
Differential, VICM = 2.7 V1
100
2000
mV p-p
Input Voltage Range
Common mode, VID = 800 mV p-p2
VEE +
1.0
VCC +
0.3
V
Input Bias Current
4
μA
Input Capacitance
2
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
Differential, PE = 0
800
mV p-p
Output Voltage Range
Single-ended absolute voltage level
Vcc −
1.6
Vcc +
0.6
V
Output Current
Minimum pre-emphasis
16
mA
Output Current
Maximum pre-emphasis, all ports
28
mA
Output Capacitance
2
pF
TERMINATION CHARACTERISTICS
Resistance
Differential
90
100
110
Ω
Temperature Coefficient
0.15
Ω/°C
POWER SUPPLY
Operating Range
VCC
VEE = 0 V
3.0
3.3
3.6
V
28
mA
Supply Current
ICC
II/O = ITTO + ITTI
Two outputs active, minimum pre-emphasis, dc-coupled
inputs/outputs, 400 mV I/O swings (800 mV p-p differential),
50 Ω far end terminations
32
mA
80
mA
Supply Current
ICC
II/O = ITTO + ITTI
Three outputs active, maximum pre-emphasis, dc-coupled
inputs/outputs, 400 mV I/O swings (800 mV p-p differential),
50 Ω far end
terminations
84
mA
THERMAL CHARACTERISTICS
Operating Temperature Range
−40
+85
°C
ΘJA
Still air
30.0
°C/W
LOGIC INPUT CHARACTERISTICS
Input High (VIH)
2.4
VCC
V
Input Low (VIL)
VEE
0.8
V
1 VICM: Input common-mode voltage.
2 VID: Input differential peak-to-peak voltage swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com