Electronic Components Datasheet Search
  English  ▼

X  

AD8153 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8153
Description  Single Buffered Switch 3.2 Gbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 1 Page - Analog Devices

  AD8153 Datasheet HTML 1Page - Analog Devices AD8153 Datasheet HTML 2Page - Analog Devices AD8153 Datasheet HTML 3Page - Analog Devices AD8153 Datasheet HTML 4Page - Analog Devices AD8153 Datasheet HTML 5Page - Analog Devices AD8153 Datasheet HTML 6Page - Analog Devices AD8153 Datasheet HTML 7Page - Analog Devices AD8153 Datasheet HTML 8Page - Analog Devices AD8153 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3.2 Gbps
Single Buffered Switch
Preliminary Technical Data
AD8153
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or
other rights of third parties that may result from its use. Specifications subject to change without
notice. No license is granted by implication or otherwise under any patent or patent rights of
Analog Devices. Trademarks and registered trademarks are the property of their respective
owners.
One Technology Way, P.O Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single lane 2:1 mux/1:2 demux
3.2 Gbps to DC data rates
Compensates over 40 inches of FR4 at 3.2 Gbps through
Two levels of input equalization, or
Four levels of output pre-emphasis
Accepts ac- or dc-coupled differential inputs
Low deterministic jitter, typically 20 ps p-p
Low random jitter, typically 1 ps RMS
BER < 10-16
On-chip terminations
Unicast or bicast on 1:2 demux function
Loopback capability on all ports
3.3 V core supply
Flexible I/O supply
Low power, typically 200 mW in basic configuration1
32-lead QFN package
−40°C to +85°C operating temperature range
APPLICATIONS
Low cost redundancy switch
SONET OC48/SDH16 and lower data rates
Gigabit Ethernet over backplane
Fibre channel 1.06 Gbps and 2.12 Gbps over backplane
Serial RapidIO
PCI Express
Infiniband over backplane
GENERAL DESCRIPTION
The AD8153 is an asynchronous, protocol agnostic, single-lane
2:1 switch with three differential PECL/CML-compatible inputs
and three differential CML outputs. The AD8159, another
member of the XstreamTM line of products, is suitable for similar
applications that require more than one lane.
The AD8153 is optimized for NRZ signaling with data rates of
up to 3.2 Gbps per port. Each port offers two levels of input
equalization and four levels of output pre-emphasis.
The device consists of a 2:1 multiplexer and a 1:2 demultiplexer.
There are three operating modes: pin mode, serial mode, and
mixed mode. In pin mode, switching and equalization/pre-
emphasis are controlled exclusively using external pins. In
serial mode, an I2C interface is used exclusively to control the
device, and to provide access to advanced features, such as
additional pre-emphasis settings and output disable. In the
mixed mode mode, the user accesses the advanced features
using I2C, but controls device switching using the external pins.
The main application of the AD8153 is to support redundancy
on both the backplane side and the line interface side of a serial
link. The device has unicast and bicast capability, so it is capable
of supporting either 1 + 1 or 1:1 redundancy.
Another application for AD8153 is testing high speed serial
links by duplicating incoming data and sending it to the
destination port and to test equipment simultaneously.
Receive
Equalization
Receive
Equalization
Transmit
Pre-
Emphasis
Control
Logic
2:1 Multiplexer/
1:2 Demultiplexer
Transmit
Pre-
Emphasis
Input A
SEL
BICAST
LB_A
LB_B
LB_C
SER/PARB
RESETB
EQ_A/I2C_SCL
EQ_B/I2C_SDA
EQ_C
PE_A/I2C_ADDR0
PE_B/I2C_ADDR1
PE_C/I2C_ADDR2
1:2
Input B
Output A
Output C
Output B
2:1
Input C
EQ
EQ
EQ


Similar Part No. - AD8153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8153 AD-AD8153 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153 Datasheet
652Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
Rev. A
AD8153-EVALZ AD-AD8153-EVALZ Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153-EVALZ AD-AD8153-EVALZ Datasheet
652Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
Rev. A
AD8153ACPZ AD-AD8153ACPZ Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
More results

Similar Description - AD8153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
AD8159 AD-AD8159 Datasheet
595Kb / 24P
3.2 Gbps Quad Buffer Mux/Demux
4/06-Rev. 0 to Rev. A
logo
Broadcom Corporation.
BCM8040 BOARDCOM-BCM8040 Datasheet
194Kb / 2P
QUAD XAUI/CX4/LX4 1.0-3.2-GBPS RETIMER/SWITCH
logo
Analog Devices
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
Single Buffered Mux/Demux Switch
REV. 0
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
3.2 Gbps 288x288 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com