Electronic Components Datasheet Search
  English  ▼

X  

AD8153 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8153
Description  Single Buffered Switch 3.2 Gbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8153 Datasheet HTML 5Page - Analog Devices AD8153 Datasheet HTML 6Page - Analog Devices AD8153 Datasheet HTML 7Page - Analog Devices AD8153 Datasheet HTML 8Page - Analog Devices AD8153 Datasheet HTML 9Page - Analog Devices AD8153 Datasheet HTML 10Page - Analog Devices AD8153 Datasheet HTML 11Page - Analog Devices AD8153 Datasheet HTML 12Page - Analog Devices AD8153 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Preliminary Technical Data
AD8153
Rev. PrA | Page 9 of 18
Figure 3. Loopback Configurations
Table 7. Switching Configurations
LB_A
LB_B
LB_C
SEL
BICAST
Output A
Output B
Output C
0
0
0
0
0
Input C
Idle
Input A
0
0
0
0
1
Input C
Input C
Input A
0
0
0
1
0
Idle
Input C
Input B
0
0
0
1
1
Input C
Input C
Input B
0
0
1
0
0
Input C
Idle
Input C
0
0
1
X
1
Input C
Input C
Input C
0
0
1
1
0
Idle
Input C
Input C
0
1
0
0
X
Input C
Input B
Input A
0
1
0
1
0
Idle
Input B
Input B
0
1
0
1
1
Input C
Input B
Input B
0
1
1
0
X
Input C
Input B
Input C
0
1
1
1
0
Idle
Input B
Input C
0
1
1
X
1
Input C
Input B
Input C
1
0
0
0
0
Input A
Idle
Input A
1
0
0
0
1
Input A
Input C
Input A
1
0
0
1
X
Input A
Input C
Input B
1
0
1
0
0
Input A
Idle
Input C
1
0
1
X
1
Input A
Input C
Input C
1
0
1
1
X
Input A
Input C
Input C
1
1
0
0
X
Input A
Input B
Input A
1
1
0
1
X
Input A
Input B
Input B
1
1
1
X
X
Input A
Input B
Input C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com