Electronic Components Datasheet Search
  English  ▼

X  

853S111AI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 853S111AI
Description  Skew, 1-to-10, Differential-to-LVPECL/ECL Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S111AI Datasheet(HTML) 4 Page - Renesas Technology Corp

  853S111AI Datasheet HTML 1Page - Renesas Technology Corp 853S111AI Datasheet HTML 2Page - Renesas Technology Corp 853S111AI Datasheet HTML 3Page - Renesas Technology Corp 853S111AI Datasheet HTML 4Page - Renesas Technology Corp 853S111AI Datasheet HTML 5Page - Renesas Technology Corp 853S111AI Datasheet HTML 6Page - Renesas Technology Corp 853S111AI Datasheet HTML 7Page - Renesas Technology Corp 853S111AI Datasheet HTML 8Page - Renesas Technology Corp 853S111AI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Rev A 6/30/15
4
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO-LVPECL/ECL FANOUT
BUFFER
853S111AI DATA SHEET
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCO = 2.375V to 3.465V; VEE = 0V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V (LVPECL mode, VEE = 0V)
Negative Supply Voltage, VEE
-4.6V (ECL mode, VCC = 0V)
Inputs, VI (LVPECL mode)
-0.5V to VCC + 0.5V
Inputs, VI (ECL mode)
0.5V to VEE – 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
VBB Sink//Source, IBB
± 0.5mA
Operating Temperature Range, TA
-40
C to +85C
Package Thermal Impedance,
JA
80.9
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
2.375
3.3
3.465
V
VCCO
Output Supply Voltage
2.375
3.3
3.465
V
IEE
Power Supply Current
74
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com