Electronic Components Datasheet Search
  English  ▼

X  

853S111AI Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 853S111AI
Description  Skew, 1-to-10, Differential-to-LVPECL/ECL Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S111AI Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 853S111AI Datasheet HTML 9Page - Renesas Technology Corp 853S111AI Datasheet HTML 10Page - Renesas Technology Corp 853S111AI Datasheet HTML 11Page - Renesas Technology Corp 853S111AI Datasheet HTML 12Page - Renesas Technology Corp 853S111AI Datasheet HTML 13Page - Renesas Technology Corp 853S111AI Datasheet HTML 14Page - Renesas Technology Corp 853S111AI Datasheet HTML 15Page - Renesas Technology Corp 853S111AI Datasheet HTML 16Page - Renesas Technology Corp 853S111AI Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO-LVPECL/ECL FANOUT
BUFFER
13
Rev A 6/30/15
853S111AI DATA SHEET
Schematic Example
This application note provides a general design guide using
853S111AI LVPECL buffer. Figure 5 shows a schematic example of
the 853S111AI LVPECL clock buffer. In this example, the input is
driven by an LVPECL driver. CLK_SEL is set at logic high to select
PCLK0/nPCLK0 input.
Figure 5. 853S111AI Example LVPECL Clock Output Buffer Schematic
C4
0.1uF
C6 (Option)
0.1u
Zo = 50
R7
50
Zo = 50
R2
50
VCC
R1
50
VCC
VCC=3.3V
C7 (Option)
0.1u
R3
50
(U1-16)
U1
ICS853111
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
VCC
CLK_SEL
PCLK0
nPCLK0
VBB
PCLK1
nPCLK1
VEE
nQ6
Q6
nQ5
Q5
nQ4
Q4
nQ3
Q3
R4
1K
Zo = 50
C2
0.1uF
(U1-9)
R8
50
Zo = 50 Ohm
C8 (Option)
0.1u
+
-
C5
0.1uF
R10
50
R11
50
3.3V LVPECL
+
-
VCC
(U1-32)
R13
50
C1
0.1uF
Zo = 50 Ohm
R9
50
C3
0.1uF
(U1-25)
VCC
Zo = 50
(U1-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com