Electronic Components Datasheet Search
  English  ▼

X  

853S111AI Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 853S111AI
Description  Skew, 1-to-10, Differential-to-LVPECL/ECL Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S111AI Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 853S111AI Datasheet HTML 4Page - Renesas Technology Corp 853S111AI Datasheet HTML 5Page - Renesas Technology Corp 853S111AI Datasheet HTML 6Page - Renesas Technology Corp 853S111AI Datasheet HTML 7Page - Renesas Technology Corp 853S111AI Datasheet HTML 8Page - Renesas Technology Corp 853S111AI Datasheet HTML 9Page - Renesas Technology Corp 853S111AI Datasheet HTML 10Page - Renesas Technology Corp 853S111AI Datasheet HTML 11Page - Renesas Technology Corp 853S111AI Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Rev A 6/30/15
8
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO-LVPECL/ECL FANOUT
BUFFER
853S111AI DATA SHEET
Parameter Measurement Information
LVPECL Output Load AC Test Circuit
Part-to-Part Skew
Output Rise/Fall Time
Differential Input Level
Output Skew
Propagation Delay
SCOPE
Qx
nQx
V
EE
VCC,
2V
-1.465V to -0.375V
VCCO
tsk(pp)
Par t 1
Par t 2
nQx
Qx
nQy
Qy
nQ0:nQ9
Q0:Q9
VCC
VEE
V
CMR
Cross Points
V
PP
nPCLK
PCLKx
nQx
Qx
nQy
Qy
t
PD
nQ0:nQ9
Q0:Q9
nPCLKx
PCLKx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com