Electronic Components Datasheet Search
  English  ▼

X  

853S111AI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 853S111AI
Description  Skew, 1-to-10, Differential-to-LVPECL/ECL Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S111AI Datasheet(HTML) 2 Page - Renesas Technology Corp

  853S111AI Datasheet HTML 1Page - Renesas Technology Corp 853S111AI Datasheet HTML 2Page - Renesas Technology Corp 853S111AI Datasheet HTML 3Page - Renesas Technology Corp 853S111AI Datasheet HTML 4Page - Renesas Technology Corp 853S111AI Datasheet HTML 5Page - Renesas Technology Corp 853S111AI Datasheet HTML 6Page - Renesas Technology Corp 853S111AI Datasheet HTML 7Page - Renesas Technology Corp 853S111AI Datasheet HTML 8Page - Renesas Technology Corp 853S111AI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Rev A 6/30/15
2
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO-LVPECL/ECL FANOUT
BUFFER
853S111AI DATA SHEET
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1VCC
Power
Positive supply pin.
2
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects PCLK1, nPCLK1 inputs. When LOW,
selects PCLK0, nPCLK0 inputs. LVPECL interface levels. Also accepts standard
LVCMOS/LVTTL input levels.
3
PCLK0
Input
Pulldown
Non-inverting differential LVPECL clock input.
4
nPCLK0
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
5VBB
Output
Bias voltage to be connected for single-ended LVPECL input.
6
PCLK1
Input
Pulldown
Non-inverting differential LVPECL clock input.
7
nPCLK1
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
8VEE
Power
Negative supply pin.
9, 16, 25, 32
VCCO
Power
Output supply pins.
10, 11
nQ9, Q9
Output
Differential output pair. LVPECL/ECL interface levels.
12, 13
nQ8, Q8
Output
Differential output pair. LVPECL/ECL interface levels.
14, 15
nQ7, Q7
Output
Differential output pair. LVPECL/ECL interface levels.
17, 18
nQ6, Q6
Output
Differential output pair. LVPECL/ECL interface levels.
19, 20
nQ5, Q5
Output
Differential output pair. LVPECL/ECL interface levels.
21, 22
nQ4, Q4
Output
Differential output pair. LVPECL/ECL interface levels.
23, 24
nQ3, Q3
Output
Differential output pair. LVPECL/ECL interface levels.
26, 27
nQ2, Q2
Output
Differential output pair. LVPECL/ECL interface levels.
28, 29
nQ1, Q1
Output
Differential output pair. LVPECL/ECL interface levels.
30, 31
nQ0, Q0
Output
Differential output pair. LVPECL/ECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RPULLDOWN
Input Pulldown Resistor
75
k
RVCC/2
Pullup/Pulldown Resistors
50
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com