Electronic Components Datasheet Search
  English  ▼

X  

P25Q32SL Datasheet(PDF) 24 Page - Puya Semiconductor Co., Ltd.

Part # P25Q32SL
Description  Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q32SL Datasheet(HTML) 24 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q32SL Datasheet HTML 20Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 21Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 22Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 23Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 24Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 25Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 26Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 27Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 28Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
P25Q32SL Datasheet
Puya Semiconductor
Page 24 of 111
10 Commands
10.1
Commands listing
Figure 10-1 Command set(STR Standard/Dual/Quad SPI instruction)
Commands
Abbr.
Code
ADR
Bytes
DMY
Bytes
Data
Bytes
Function description
Read
Read Array (fast)
FREAD
0Bh
3
1
1+
n bytes read out until CS# goes high
Read Array (low power)
READ
03h
3
0
1+
n bytes read out until CS# goes high
Read Dual Output
DREAD
3Bh
3
1
1+
n bytes read out by Dual output
Read 2IO
2READ
BBh
3
1(2)
1+
n bytes read out by 2IO
Read Quad Output
QREAD
6Bh
3
1
1+
n bytes read out by Quad output
Read 4IO
4READ
EBh
3
3(5)
1+
n bytes read out by 4IO
Read Word 4IO
WREAD
E7h
3
1
1+
n bytes word read out by 4IO
Program and Erase
Page Erase
PE
81h
3
0
0
erase selected page
Sector Erase (4K bytes)
SE
20h
3
0
0
erase selected sector
Block Erase (32K bytes)
BE32
52h
3
0
0
erase selected 32K block
Block Erase (64K bytes)
BE
D8h
3
0
0
erase selected 64K block
Chip Erase
CE
60h/C7h
0
0
0
erase whole chip
Page Program
PP
02h
3
0
1+
program selected page
Quad page program
QPP
32h
3
0
1+
quad input to program selected page
Program/Erase Suspend
PES
75h
0
0
0
suspend program/erase operation
Program/Erase Resume
PER
7Ah
0
0
0
continue program/erase operation
Protection
Write Enable
WREN
06h
0
0
0
sets the write enable latch bit
Write Disable
WRDI
04h
0
0
0
resets the write enable latch bit
Volatile SR Write Enable
VWREN
50h
0
0
0
Write enable for volatile SR
Individual Block Lock
SBLK
36h
3
0
0
Individual block lock
Individual Block Unlock
SBULK
39h
3
0
0
Individual block unlock
Read Block Lock Status
RDBLOCK
3Dh
3
0
0
Read individual block lock register
Global Block Lock
GBLK
7Eh
0
0
0
Whole chip block protect
Global Block Unlock
GBULK
98h
0
0
0
Whole chip block unprotect
Security
Erase Security Registers
ERSCUR
44h
3
0
0
Erase security registers
Program Security Registers
PRSCUR
42h
3
0
1+
Program security registers
Read Security Registers
RDSCUR
48h
3
1
1+
Read value of security register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com