Electronic Components Datasheet Search
  English  ▼

X  

P25Q32SL Datasheet(PDF) 39 Page - Puya Semiconductor Co., Ltd.

Part # P25Q32SL
Description  Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q32SL Datasheet(HTML) 39 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q32SL Datasheet HTML 35Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 36Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 37Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 38Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 39Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 40Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 41Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 42Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 43Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
P25Q32SL Datasheet
Puya Semiconductor
Page 39 of 111
10.9 Read Data Bytes (READ)
The read instruction is for reading data out. The address is latched on rising edge of SCLK, and data shifts out
on the falling edge of SCLK at a maximum frequency fR. The first address byte can be at any location. The
address is automatically increased to the next higher address after each byte data is shifted out, so the whole
memory can be read out at a single READ instruction. The address counter rolls over to 0 when the highest
address has been reached.
The sequence of issuing READ instruction is: CS# goes low→ sending READ instruction code→ 3-byte
address on SI→ data out on SO→ to end READ operation can use CS# to high at any time during data out.
Figure 10-10 Read Data Bytes (READ) Sequence (Command 03)
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High - Z
8
9 10
28 29 30 31 32 33 34 35 36 37 38 39
MSB
3
2
1
0
23
22 21
MSB
7
6
5
4
3
2
1
0
24 - bit address
Data Out1
Data Out2
10.10 Fast Read (FREAD)
The FAST READ instruction is for quickly reading data out. The address is latched on rising edge of SCLK,
and data of each bit shifts out on the falling edge of SCLK at a maximum frequency fC. The first address byte
can be at any location. The address is automatically increased to the next higher address after each byte data
is shifted out, so the whole memory can be read out at a single FREAD instruction. The address counter rolls
over to 0 when the highest address has been reached.
The sequence of issuing FREAD instruction is: CS# goes low→ sending FREAD instruction code→3-byte
address on SI→ 1-dummy byte address on SI→data out on SO→ to end FREAD operation can use CS# to
high at any time during data out.
While Program/Erase/Write Status Register cycle is in progress, FREAD instruction is rejected without any
impact on the Program/Erase/Write Status Register current cycle.
Figure 10-10 Fast Read (FREAD) Sequence (Command 0B)
Command
0
1
2
3
4
5
6
7
0BH
CS#
SCLK
SI
SO
High - Z
8
9 10
28 29 30 31
3
2
1
0
23 22
21
24-bit address
MSB
6
5
4
3
2
1
0
Data Out1
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
DummyByte
32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com