Electronic Components Datasheet Search
  English  ▼

X  

P25Q32SL Datasheet(PDF) 34 Page - Puya Semiconductor Co., Ltd.

Part # P25Q32SL
Description  Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q32SL Datasheet(HTML) 34 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q32SL Datasheet HTML 30Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 31Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 32Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 33Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 34Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 35Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 36Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 37Page - Puya Semiconductor Co., Ltd. P25Q32SL Datasheet HTML 38Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
P25Q32SL Datasheet
Puya Semiconductor
Page 34 of 111
CMP bit
The CMP bit is a non-volatile Read/Write bit in the Status Register(S14). It is used in conjunction the BP4-BP0
bits to provide more flexibility for the array protection. Please see the table “Protected Area Size” for details.
The default setting is CMP=0.
SUS bit
The SUS bit is read only bit in the status register (S15) that is set to 1 after executing an Program/Erase
Suspend (75H) command. The SUS bit is cleared to 0 by Program/Erase Resume (7AH) command as well as
a power-down, power-up cycle.
10.6 Read Configure Register (RDCR)
The RDCR instruction is for reading Configure Register Bits. The Read Configure Register can be read at any
time (even in program/erase/write status register condition). It is recommended to check the Write in Progress
(WIP) bit before sending a new instruction when a program, erase, or write status register operation is in
progress.
The sequence of issuing RDCR instruction is: CS# goes low→ sending RDCR instruction code→ Configure
Register data out on SO. The SIO[3:1] are "don't care".
Figure 10-6 Read Status Register (RDCR) Sequence (Command 15)
Command
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
15H
CS#
SCLK
SI
SO
High-Z
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
Configure Register Out
Configure Register Out
MSB
Figure 10-6a Read Status Register (RDCR) Sequence (QPI)
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
Command
15H
4
0
4
0
4
5
1
5
1
5
6
2
6
2
6
7
3
7
3
7
C7-C0 out
0
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com