Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7323
Description  500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7323 Datasheet HTML 20Page - Analog Devices AD7323 Datasheet HTML 21Page - Analog Devices AD7323 Datasheet HTML 22Page - Analog Devices AD7323 Datasheet HTML 23Page - Analog Devices AD7323 Datasheet HTML 24Page - Analog Devices AD7323 Datasheet HTML 25Page - Analog Devices AD7323 Datasheet HTML 26Page - Analog Devices AD7323 Datasheet HTML 27Page - Analog Devices AD7323 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD7323
Rev. 0 | Page 24 of 36
Table 11. Power Mode Selection
PM1
PM0
Description
1
1
Full Shutdown Mode. In this mode, all internal circuitry on the AD7323 is powered down. Information in the control register
is retained when the AD7323 is in full shutdown mode.
1
0
Autoshutdown Mode. The AD7323 enters autoshutdown on the 15th SCLK rising edge when the control register is updated.
All internal circuitry is powered down in autoshutdown.
0
1
Autostandby Mode. In this mode, all internal circuitry is powered down, excluding the internal reference. The AD7323 enters
autostandby mode on the 15th SCLK rising edge after the control register is updated.
0
0
Normal Mode. All internal circuitry is powered up at all times.
Table 12. Sequencer Selection
Seq1
Seq2
Description
0
0
The channel sequencer is not used. The analog channel, selected by programming the ADD1 bit and ADD0 bit in the
control register, selects the next channel for conversion.
0
1
Uses the sequence of channels previously programmed into the sequence register for conversion. The AD7323 starts
converting on the lowest channel in the sequence. The channels are converted in ascending order. If uninterrupted, the
AD7323 keeps converting the sequence. The range for each channel defaults to the range previously written into the range
register.
1
0
Used in conjunction with the channel address bits in the control register. This allows continuous conversions on a
consecutive sequence of channels, from Channel 0 through a final channel selected by the channel address bits in the
control register. The range for each channel defaults to the range previously written into the range register.
1
1
The channel sequencer is not used. The analog channel, selected by programming the ADD1 bit and ADD0 bit in the
control register, selects the next channel for conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com