Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7323
Description  500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7323 Datasheet HTML 21Page - Analog Devices AD7323 Datasheet HTML 22Page - Analog Devices AD7323 Datasheet HTML 23Page - Analog Devices AD7323 Datasheet HTML 24Page - Analog Devices AD7323 Datasheet HTML 25Page - Analog Devices AD7323 Datasheet HTML 26Page - Analog Devices AD7323 Datasheet HTML 27Page - Analog Devices AD7323 Datasheet HTML 28Page - Analog Devices AD7323 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AD7323
Rev. 0 | Page 25 of 36
SEQUENCE REGISTER
The sequence register on the AD7323 is a 4-bit, write-only register. Each of the four analog input channels has one corresponding bit in
the sequence register. To select a channel for inclusion in the sequence, set the corresponding channel bit to 1 in the sequence register.
MSB
LSB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Write
Register Select 1
Register Select 2
VIN0
VIN1
VIN2
VIN3
0
0
0
0
0
0
0
0
0
RANGE REGISTER
The range register is used to select one analog input range per analog input channel. It is an 8-bit, write-only register with two dedicated
range bits for each of the analog input channels from Channel 0 to Channel 3. There are four analog input ranges, ±10 V, ±5 V, ±2.5 V, and
0 V to +10 V. A write to the range register is selected by setting the write bit to 1 and the register select bits to 0 and 1. After the initial write to
the range register occurs, each time an analog input is selected, the AD7323 automatically configures the analog input to the appropriate
range, as indicated by the range register. The ±10 V input range is selected by default on each analog input channel (see Table 13).
MSB
LSB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Write
Register Select 1
Register Select 2
VIN0A
VIN0B
VIN1A
VIN1B
VIN2A
VIN2B
VIN3A
VIN3B
0
0
0
0
0
Table 13. Range Selection
VINxA
VINxB
Description
0
0
This combination selects the ± 10 V input range on VINx.
0
1
This combination selects the ±5 V input range on VINx.
1
0
This combination selects the ± 2.5 V input range on VINx.
1
1
This combination selects the 0 V to +10 V input range on VINx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com