Electronic Components Datasheet Search
  English  ▼

X  

AD7323 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7323
Description  500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7323 Datasheet HTML 26Page - Analog Devices AD7323 Datasheet HTML 27Page - Analog Devices AD7323 Datasheet HTML 28Page - Analog Devices AD7323 Datasheet HTML 29Page - Analog Devices AD7323 Datasheet HTML 30Page - Analog Devices AD7323 Datasheet HTML 31Page - Analog Devices AD7323 Datasheet HTML 32Page - Analog Devices AD7323 Datasheet HTML 33Page - Analog Devices AD7323 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD7323
Rev. 0 | Page 30 of 36
AUTOSHUTDOWN MODE
(PM1 = 1, PM0 = 0)
Once the autoshutdown mode is selected, the AD7323 auto-
matically enters shutdown on the 15th SCLK rising edge. In
autoshutdown mode, all internal circuitry is powered down.
The AD7323 retains information in the registers during
autoshutdown. The track-and-hold is in hold mode during
autoshutdown. On the rising CS edge, the track-and-hold,
which was in hold during shutdown, returns to track as the
AD7323 begins to power up. The power-up from autoshutdown
is 500 μs.
When the control register is programmed to transition to
autoshutdown mode, it does so on the 15th SCLK rising edge.
Figure 48 shows the part entering autoshutdown mode. The
AD7323 automatically begins to power up on the CS rising
edge. The tPOWER-UP is required before a valid conversion, initiated
by bringing the CS signal low, can take place. Once this valid
conversion is complete, the AD7323 powers down again on the
15th SCLK rising edge. The CS signal must remain low again to
keep the part in autoshutdown mode.
AUTOSTANDBY MODE
(PM1 = 0, PM0 =1)
In autostandby mode, portions of the AD7323 are powered
down, but the on-chip reference remains powered up. The
reference bit in the control register should be 1 to ensure that
the on-chip reference is enabled. This mode is similar to auto-
shutdown but allows the AD7323 to power up much faster,
which allows faster throughput rates.
As is the case with autoshutdown mode, the AD7323 enters
standby on the 15th SCLK rising edge once the control register is
updated (see Figure 48). The part retains information in the
registers during standby. The AD7323 remains in standby until
it receives a CS rising edge. The ADC begins to power up on the
CS rising edge. On the CS rising edge, the track-and-hold, which
was in hold mode while the part was in standby, returns to track.
The power-up time from standby is 700 ns. The user should
ensure that 700 ns have elapsed before bringing CS low to attempt
a valid conversion. Once this valid conversion is complete, the
AD7323 again returns to standby on the 15th SCLK rising edge.
The CS signal must remain low to keep the part in standby mode.
Figure 48 shows the part entering autoshutdown mode. The
sequence of events is the same when entering autostandby mode.
In Figure 48, the power management bits are configured for
autoshutdown. For autostandby mode, the power management
bits, PM1 and PM0, should be set to 0 and 1, respectively.
CS
116
15
1
16
15
SCLK
SDATA
DIN
VALID DATA
VALID DATA
DATA INTO CONTROL REGISTER
DATA INTO CONTROL REGISTER
tPOWER-UP
CONTROL REGISTER IS LOADED ON THE FIRST 15 CLOCKS,
PM1 = 1, PM0 = 0
PART ENTERS SHUTDOWN MODE
ON THE 15TH RISING SCLK EDGE
AS PM1 = 1, PM0 = 0
PARTBEGINS TO POWER
UP ON CS RISING EDGE
THE PART IS FULLY POWERED UP
ONCE
tPOWER-UP HAS ELAPSED
Figure 48. Entering Autoshutdown/Autostandby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com