Electronic Components Datasheet Search
  English  ▼

X  

910XC Datasheet(PDF) 3 Page - KISTLER INSTRUMENT CORPORATION

Part # 910XC
Description  Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

910XC Datasheet(HTML) 3 Page - KISTLER INSTRUMENT CORPORATION

  910XC Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Piezoelectric force sensors – Piezoelectric ring force transducers for tensile and compression forces from
20 kN to 700 kN, Types 9101C, 9102C, 9103C, 9104C, 9105C, 9106C, 9107C
Page 3/6
© 2020 ... 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products are
protected by various intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Fig. 1: Dimensions Type 9101C … 9107C
Typ
d
D
H
s
t
9101C
6.5
14.5
8
14.85
7.25
9102C
10.5
22.5
10
18.6
7.25
9103C
13
28.5
11
21.65
7.25
9104C
17
34.5
12
24.65
7.25
9105C
21
40.5
13
27.65
7.25
9106C
26.5
52.5
15
33.65
7.25
9107C
40.5
77.2
17
45
6.75
Dimensions metric [mm]
Dimensions Type 9101C … 9107C
Bild 1: Abmessungen Typ 9001C … 9071C
Pretension
Piezoelectric force sensors are always used preloaded in a
mounting structure. In general, a preloading force of at least
20% of the nominal force is recommended. The recommen-
ded, effective measuring range is thereby achieved and the
non-linearities in the lowest load range are eliminated.
Reasons for the pretension:
• Highest level of linearity and stability
• Measurement of tensile and compression forces
• Use of the high sensor stiffness for a large frequency range
• Ideal force distribution
The pretension must be selected so that the sum of preloading
force (Fv) and the process force (±Fz) lies within the measuring
range of the sensor at all times (see graphic).
Provided it is technologically possible, the average loading of
the sensor should be 50% of the nominal force. At this set
point, the tolerance with respect to the bending moment is at
its greatest (see below, "bending moment").
When pretensioning, the force must be measured with the
sensor itself. The sensitivity specified in the technical data is to
Fig. 2:
Nominal and measuring ranges
be used here. The mounting surfaces must be flat, stiff and, if
possible, ground. Please refer to the user manual for further
details.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com