Electronic Components Datasheet Search
  English  ▼

X  

910XC Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 910XC
Description  Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

910XC Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  910XC Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Force
Piezoelectric force sensors
Piezoelectric ring force transducers for tensile and
compression forces from 20 kN to 700 kN
Page 1/6
© 2020 ... 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products are
protected by various intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Types 9101C, 9102C,
9103C, 9104C,
9105C, 9106C, 9107C
Piezoelectric force sensors, also known as piezoelectric ring
force transducers, for precise measurement of tensile and com-
pressive forces in highest resolution.
The force sensors are thoroughly tested, but are delivered wit-
hout calibration certificate and must be calibrated on site after
installation.
• Thoroughly tested, delivered without calibration certificate
• Linearity including hysteresis ≤±1.5%
• Extremely high stiffness
• Very compact design
• Extremely low threshold
• Degree of protection: IP68, dependent on cable
• Operating temperature range -40 ... 120°C
• No aging, unlimited service life
Description
The 910x family is a piezoelectric (PE) sensor series for force
measurement in the z-direction. The force to be measured is
transmitted directly to the quartz element located within the
sensor. When subjected to a mechanical load, quartz produces
an electric charge that is proportional to that load. An outstan-
ding property of quartz is the very low threshold, resulting in a
high sensor sensitivity which is extremely linear over the entire
measuring range. Thus the behaviour in a certain measuring
range is practically identical for all PE sensors, independent of
their size.
This has three unique advantages:
• Overload protection:
Even very small forces can be measured
with a sensor with a large measuring range, so that overload
protection can be considered without loss of signal quality.
• High stiffness:
To achieve a construction that is as stiff as
possible, a larger sensor can also be used without negatively
impacting the quality of the measurement signal.
• Grouping:
Multiple sensors can simply be added together
by electrically connecting them in parallel to a single charge
amplifier. The output voltage is then proportional to the sum
of all acting forces.
Application
For monitoring tasks, force sensors are required that can be
easily installed in a machine structure. Robust design and re-
liability in continuous operation as well as good repeatability
of the measured values are further features of these sensors.
The choice of a certain size depends on the installation space
available on the one hand and on the force shunt ratio of the
installation on the other hand.
Application examples
• Monitoring of press-in forces during assembly, testing, etc.
• Monitoring of forces during punching and forming
• Measurement of large forces in force shunt
Sensor Mounting
Ring force transducers are generally used preloaded in a
mounting structure.
Types 9101C ... 9107C
Fz
Details about piezoelectric sensors and their installation can
be found in the corresponding user's manual on our home-
page www.kistler.com/force.


Similar Part No. - 910XC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
910X MACOM-910X Datasheet
60Kb / 1P
WILMAR??Protective Relays - 900 Series
More results

Similar Description - 910XC

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
90X7C KISTLER-90X7C Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
913XC KISTLER-913XC Datasheet
847Kb / 6P
Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
917XC KISTLER-917XC Datasheet
313Kb / 3P
Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
Press Force Sensor 0 … 50 N to 0 … 20 kN
93X3A KISTLER-93X3A Datasheet
1Mb / 10P
Press Force Sensor 0 … 5 N to 0 … 700 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
90X6C-SET KISTLER-90X6C-SET Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
913XCA-SET KISTLER-913XCA-SET Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com