Electronic Components Datasheet Search
  English  ▼

X  

910XC Datasheet(PDF) 4 Page - KISTLER INSTRUMENT CORPORATION

Part # 910XC
Description  Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

910XC Datasheet(HTML) 4 Page - KISTLER INSTRUMENT CORPORATION

  910XC Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Piezoelectric force sensors – Piezoelectric ring force transducers for tensile and compression forces from
20 kN to 700 kN, Types 9101C, 9102C, 9103C, 9104C, 9105C, 9106C, 9107C
Page 4/6
© 2020 ... 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products are
protected by various intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Bending moment
Bending moments MB (Mx + My) increase the stress on one
side of the sensor and decrease it on the other. This results in
an uneven distribution of the axial force on the sensor, that can
distort the measuring results.
In extreme cases, this can lead to a one-sided overload of the
sensor or loss of the frictional connection, which can destroy
the structure or cause it to slip. It ultimately depends on the
applied axial force Fz which of the two cases occurs first in the
event of an impermissible bending moment.
Fig. 4:
Bending moment as a function of the axial force Fz
Bending moment graph
Attention
Lateral loads Fx,y and/or a torque Mz further reduce the
measuring range. In case of tight safety margins regarding
bending moments and suspected lateral loads or torque,
better get in touch with our local sales.
Example
A piezo sensor Type 9103C... is preloaded with Fv = 28 kN.
What bending moment can be tolerated for process forces in
the range Fp = 0 ... 33 kN?
We use a normalized formula to calculate the allowable
bending moment.
MB[%] ≤ 100% - 2x
|50%-Fz[%]|
Fz is the total axial force on the sensor, so the sum of the
preload Fv and the process force Fp.
The allowed bending moment depends on the applied total
force Fz and reaches its peak at 50  kN, half the nominal
axial force. In this case, when the process force is at 22 kN
(28 kN+22 kN = 50 kN).
If the force curve in the process is not known, the lowest value
is defined as the maximum load: 122.6 Nm.
Fv[%] = 28 kN
100 kN
= 28%
Fp[%] =
0 kN
100 kN
...
33 kN
100 kN
= 0 ... 33%
Fz[%] = Fv[%] + Fp[%] = 28 ... 61%
MB[28%] = 100% - 2 x
|50% - 28%| = 56%
≙122.6Nm
MB[61%] = 100% - 2 x
|50% - 61%| = 78%
≙170.8Nm
Tensile forces
Tensile forces are only applicable as long as the preload is
higher than the negative force: they reduce the (pre)load on
the sensor, which can be measured accordingly.
Fig. 5: maximum bending moment depending on preload and process
force
Fig. 3:
Bending moment



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com