Electronic Components Datasheet Search
  English  ▼

X  

910XC Datasheet(PDF) 5 Page - KISTLER INSTRUMENT CORPORATION

Part # 910XC
Description  Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

910XC Datasheet(HTML) 5 Page - KISTLER INSTRUMENT CORPORATION

  910XC Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 910XC Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Piezoelectric force sensors – Piezoelectric ring force transducers for tensile and compression forces from
20 kN to 700 kN, Types 9101C, 9102C, 9103C, 9104C, 9105C, 9106C, 9107C
Page 5/6
© 2020 ... 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products are
protected by various intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Measuring chain
Measure
Connect
Amplify
Connecting cable
All sensors of type 9101C ... 9107C have a KIAG 10-32 neg.
connector and are compatible with all cable connectors KIAG
10-32 pos. Only highly insulating coaxial cables with low ca-
pacitance may be used to connect piezoelectric sensors. These
cables generate very little frictional electricity when moving.
Kistler uses cables made of high-quality PFA or oil-tight FPM.
The IP protection class according to EN60529 on the sensor
side is basically dependent on the selected connector. For
IP65 the standard cable connector 10-32 KIAG with knurled
nut is used. For increased requirements in harsh environments
the industrial version 10-32 KIAG pos. int. is applied, which
can be welded tightly to the sensor housing if required and
achieves IP68.
Fig. 6: Measuring chain
Compatibilities of cables and charge amplifiers
min max
1631C…
PFA
0.1
100
KIAG 10‐32 pos.
BNC pos.
‐ ✓✓ ‐ ✓✓✓✓✓✓ ✓
1641B…
PFA
0.1
100
KIAG 10‐32 pos. 90°
BNC pos.
‐ ✓✓ ‐ ✓✓✓✓✓✓ ✓
1633C…
PFA
0.1
50
KIAG 10‐32 pos.
TNC pos.
‐ ✓ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1635C…
PFA
0.1
15
KIAG 10‐32 pos.
KIAG 10‐32 pos.
✓
‐‐ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1957A…
PFA, steel braiding
0.1
10
KIAG 10‐32 pos.
KIAG 10‐32 pos.
✓
‐‐ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1900A23A12..
KIAG 10‐32 pos. hex
BNC pos.
‐ ✓✓ ‐ ✓✓✓✓✓✓ ✓
1900A23A11..
KIAG 10‐32 pos. hex
KIAG 10‐32 pos. hex
✓
‐ ‐ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1900A21A120x
KIAG 10‐32 pos. hex
BNC pos.
‐ ✓✓ ‐ ✓✓✓✓✓✓ ✓
1900A21A110x
KIAG 10‐32 pos. hex
KIAG 10‐32 pos. hex
✓
‐‐ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1983AD…
FPM
0.1
5
‐20…200°C
IP68 KIAG 10‐32 pos. int.
BNC pos.
‐ ✓✓ ‐ ✓✓✓✓✓✓ ✓
1939A…
PFA
0.1
20
KIAG 10‐32 pos. int.
BNC pos.
‐ ✓✓ ‐ ✓✓✓✓✓✓ ✓
1941A…
PFA
0.1
20
KIAG 10‐32 pos. int.
TNC pos.
‐ ✓ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1921…
PFA
0.1
20
KIAG 10‐32 pos. int.
KIAG 10‐32 pos.
✓
‐‐ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1969A…
PFA, steel braiding
0.5
10
KIAG 10‐32 pos. int.
KIAG 10‐32 pos. int.2
✓
‐‐ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1967A…
PFA, steel braiding, isolated
0.5
10
KIAG 10‐32 pos. int.
KIAG 10‐32 pos. int.2
✓
‐‐ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1979A…
FPM
0.1
20
KIAG 10‐32 pos. int.
Fischer 103 Triax
‐ ‐ ‐ ‐ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1983AC…
FPM
0.1
5
IP68 KIAG 10‐32 pos. int.
KIAG 10‐32 pos. int.2
✓
‐‐ ✓ ‐ ‐ ‐ ‐ ‐ ‐ ‐
1 screwed: IP65
2 welded: IP67
0.4
20 ‐20…200°C
IP40
IP67
IP40
IP65
PFA superflexible, 
  drag chain proven
0.3
20
‐40…200°C
IP67
IP40
IP67
FPM flexible steel hose
‐55…200°C
IP67
IP40
IP65
‐20…200°C
‐55…200°C
IP65
IP40
Industrial 
Amplifier
Laboratory 
Amplifier
Cable
Cable Properties
Length [m]
Temp. 
Range
IEC/EN
60529
Connector Sensor
Connector 
Amplifier
IEC/EN
60529



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com