| Electronic Components Datasheet Search |
|
AD7982 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7982 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 23 page ![]() AD7982 Preliminary Technical Data Rev PrC | Page 20 of 23 CHAIN MODE WITH BUSY INDICATOR This mode can also be used to daisy chain multiple AD7982s on a 3-wire serial interface while providing a BUSY indicator. This feature is useful for reducing component count and wiring connections, e.g., in isolated multiconverter applications or for systems with a limited interfacing capacity. Data readback is analogous to clocking a shift register. A connection diagram example using three AD7982s is shown in Figure 26 and the corresponding timing is given in Figure 27. When SDI and CNV are low, SDO is driven low. With SCK high, a rising edge on CNV initiates a conversion, selects the chain mode, and enables the BUSY indicator feature. In this mode, CNV is held high during the conversion phase and the subsequent data readback. When all ADCs in the chain have completed their conversions, the nearend ADC ( ADC C in Figure 26) SDO is driven high. This transition on SDO can be used as a BUSY indicator to trigger the data readback controlled by the digital host. The AD7982 then enters the acquisition phase and powers down. The data bits stored in the internal shift register are then clocked out, MSB first, by subsequent SCK falling edges. For each ADC, SDI feeds the input of the internal shift register and is clocked by the SCK falling edge. Each ADC in the chain outputs its data MSB first, and 18 × N + 1 clocks are required to readback the N ADCs. Although the rising edge can be used to capture the data, a digital host using the SCK falling edge allows a faster reading rate and, consequently more AD7982s in the chain, provided the digital host has an acceptable hold time. CNV SCK SDO SDI CLK CONVERT DATA IN IRQ DIGITAL HOST C CNV SCK SDO SDI B CNV SCK SDO SDI A AD7982 AD7982 AD7982 Figure 26. Chain Mode with BUSY Indicator Connection Diagram SDOA = SDIB DA17 DA16 DA15 SCK 123 39 53 54 tEN CONVERSION ACQUISITION tCONV tCYC tACQ ACQUISITION CNV = SDIA DA1 417 tSCK tSCKH tSCKL DA0 19 38 18 SDOB = SDIC DB17 DB16 DB15 DA1 DB1DB0DA17 DA16 55 tSSDISCK tHSDISC tHSDO tDSDO SDOC DC17 DC16 DC15 DA1DA0 DC1DC0DA16 21 35 36 20 37 DB1DB0DA17 DB17 DB16 tDSDOSDI tSSCKCNV tHSCKCNV DA0 tDSDOSDI tDSDOSDI tDSDOSDI tDSDOSDI Figure 27. Chain Mode with BUSY Indicator Serial Interface Timing |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |