Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7982
Description  18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 3 Page - Analog Devices

  AD7982 Datasheet HTML 1Page - Analog Devices AD7982 Datasheet HTML 2Page - Analog Devices AD7982 Datasheet HTML 3Page - Analog Devices AD7982 Datasheet HTML 4Page - Analog Devices AD7982 Datasheet HTML 5Page - Analog Devices AD7982 Datasheet HTML 6Page - Analog Devices AD7982 Datasheet HTML 7Page - Analog Devices AD7982 Datasheet HTML 8Page - Analog Devices AD7982 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Preliminary Technical Data
AD7982
Rev PrC | Page 3 of 23
SPECIFICATIONS
VDD = 2.5 V, VIO = 2.3 V to 5.5V, VREF = 5V, TA = –40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
−VREF
+VREF
V
Absolute Input Voltage
IN+, IN−
−0.1
VREF + 0.1
V
Analog Input CMRR
fIN = 1 MHz
66
dB
Leakage Current at 25°C
Acquisition phase
150
uA
Input Impedance
See the Analog Input section
ACCURACY
No Missing Codes
18
Bits
Differential Linearity Error
−1
±0.5
+2
LSB1
Integral Linearity Error
−2.5
±1
+2.5
LSB
Transition Noise
REF = 5 V
1.05
LSB
Gain Error2, TMIN to TMAX
±2
LSB
Gain Error Temperature Drift
±1
ppm/°C
Zero Error2, TMIN to TMAX
±1
mV
Zero Temperature Drift
±1
ppm/°C
Power Supply Sensitivity
VDD = 2.5V
± 5%
±0.1
LSB
THROUGHPUT
Conversion Rate
0
1
MSPS
Transient Response
Full-scale step
250
ns
AC ACCURACY
Dynamic Range
VREF = 5 V
99
dB3
Spurious-Free Dynamic Range
fIN = 1 kHz
−120
dB
Total Harmonic Distortion
fIN = 1 kHz
−117
dB
Signal-to-(Noise + Distortion)
fIN = 1 kHz, VREF = 5 V
98
dB
Intermodulation Distortion4
115
dB
1 LSB means least significant bit. With the ±5 V input range, one LSB is 38.15 μV.
2 See Terminology section. These specifications do include full temperature range variation but do not include the error contribution from the external reference.
3 All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full-scale, unless otherwise specified.
4 fIN1 = 21.4 kHz, fIN2 = 18.9 kHz, each tone at −7 dB below full-scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com