Electronic Components Datasheet Search
  English  ▼

X  

BLV862 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLV862
Description  UHF linear push-pull power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV862 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLV862 Datasheet HTML 4Page - NXP Semiconductors BLV862 Datasheet HTML 5Page - NXP Semiconductors BLV862 Datasheet HTML 6Page - NXP Semiconductors BLV862 Datasheet HTML 7Page - NXP Semiconductors BLV862 Datasheet HTML 8Page - NXP Semiconductors BLV862 Datasheet HTML 9Page - NXP Semiconductors BLV862 Datasheet HTML 10Page - NXP Semiconductors BLV862 Datasheet HTML 11Page - NXP Semiconductors BLV862 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Jun 25
8
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
List of components
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. American Technical Ceramics type 100B or capacitor of same quality.
3. American Technical Ceramics type 180R or capacitor of same quality.
4. The striplines are on a double copper-clad printed-circuit board: PTFE-glass material (TLX8) from Taconic
(
ε
r = 2.55); thickness 0.5 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS CATALOGUE No.
C1
multilayer ceramic chip capacitor; note 1 10 pF
C2. C3
multilayer ceramic chip capacitor
1 nF
2222 852 47102
C4
solid aluminium capacitor
220
µF; 16 V
2222 031 35221
C5, C7
Tekelec trimmer
1 to 5 pF
C6, C8
multilayer ceramic chip capacitor; note 2 6.8 pF
C9, C10
multilayer ceramic chip capacitor; note 3 10 pF
C11, C13
multilayer ceramic chip capacitor; note 1 100 pF
C12
multilayer ceramic chip capacitor; note 1 8.2 pF
C14
multilayer ceramic chip capacitor; note 2 3.9 pF
C15
solid aluminium capacitor
100
µF; 40 V
2222 031 37101
C16, C17
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C18
multilayer ceramic chip capacitor; note 1 22 pF
C19
multilayer ceramic chip capacitor; note 1 100 pF
C20
multilayer ceramic chip capacitor
15 nF
2222 852 47153
L1, L2
stripline; note 4
47
× 1.8 mm
L3, L4
stripline; note 4
2
× 5mm
L5, L6
stripline; note 4
4
× 6mm
L7, L8
stripline; note 4
4
× 8mm
L9, L10
stripline; note 4
8.1
× 10 mm
L11, L12
stripline; note 4
15
× 2mm
L13, L14
stripline; note 4
5
× 10 mm
L15, L16
stripline; note 4
10
× 8mm
L17, L18
stripline; note 4
12.9
× 5mm
L19, L20
stripline; note 4
48.7
× 1.8 mm
B1
semi rigid coax balun UT70-25
Z = 25
Ω±1.5 Ω 47 mm
B2
semi rigid coax balun UT70-25
Z = 25
Ω±1.5 Ω 48.7 mm
R1, R6
SMD resistor
100
Ω
0805
2122 118 03881
R2, R3, R4, R5, R8 SMD resistor
1
Ω
0805
2122 118 04562
R7
SMD resistor
47
Ω
0805
2122 118 04598
R9
SMD resistor
1.2 k
Ω
0805
2122 118 04579
P1
potentiometer
4.7 k
Ω
X1, X2
copper ribbon hairpin
T1, T2
NPN transistor
BD139
9330 912 20112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com