Electronic Components Datasheet Search
  English  ▼

X  

BLV862 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLV862
Description  UHF linear push-pull power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV862 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLV862 Datasheet HTML 1Page - NXP Semiconductors BLV862 Datasheet HTML 2Page - NXP Semiconductors BLV862 Datasheet HTML 3Page - NXP Semiconductors BLV862 Datasheet HTML 4Page - NXP Semiconductors BLV862 Datasheet HTML 5Page - NXP Semiconductors BLV862 Datasheet HTML 6Page - NXP Semiconductors BLV862 Datasheet HTML 7Page - NXP Semiconductors BLV862 Datasheet HTML 8Page - NXP Semiconductors BLV862 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Jun 25
3
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Thermal resistance is determined under specified RF operating conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
65
V
VCEO
collector-emitter voltage
open base
−
30
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
25
A
Ptot
total power dissipation
Tmb =25 °C
−
350
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Ptot = 350 W; note 1
0.5
K/W
Rth mb-h
thermal resistance from mounting base to heatsink
note 1
0.15
K/W
Fig.2 DC SOAR.
Total device; both sections equally loaded.
(1) Tmb =25 °C.
(2) Th =70 °C.
handbook, halfpage
102
10
1
MBK231
110
102
VCE (V)
IC
(A)
(1)
(2)
Total device; both sections equally loaded.
(1) Continuous operation.
(2) Short time operation during mismatch.
Fig.3 Power derating curves.
handbook, halfpage
0
40
80
160
400
Ptot
(W)
300
100
0
200
MGD528
120
Th (°C)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com