Electronic Components Datasheet Search
  English  ▼

X  

BLV862 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLV862
Description  UHF linear push-pull power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV862 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLV862 Datasheet HTML 4Page - NXP Semiconductors BLV862 Datasheet HTML 5Page - NXP Semiconductors BLV862 Datasheet HTML 6Page - NXP Semiconductors BLV862 Datasheet HTML 7Page - NXP Semiconductors BLV862 Datasheet HTML 8Page - NXP Semiconductors BLV862 Datasheet HTML 9Page - NXP Semiconductors BLV862 Datasheet HTML 10Page - NXP Semiconductors BLV862 Datasheet HTML 11Page - NXP Semiconductors BLV862 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1999 Jun 25
9
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
Fig.10 Input impedance (per section) as function of
frequency (series components);
typical values.
Th =25 °C; VCE = 28 V; ICQ = 0.8 A; PL = 150 W (total device).
handbook, halfpage
400
500
900
4
2
0
−1
1
3
600
700
800
MGG814
f (MHz)
Zi
(
Ω)
xi
ri
Fig.11 Load impedance (per section) as function of
frequency (series components);
typical values.
Th =25 °C; VCE = 28 V; ICQ = 0.8 A; PL = 150 W (total device).
handbook, halfpage
400
500
900
2
0
−1
1
3
600
700
800
MGG815
f (MHz)
ZL
(
Ω)
RL
XL
Fig.12 Power gain as a function of frequency;
typical values.
Th =25 °C; VCE = 28 V; ICQ = 0.8 A; PL = 150 W (total device).
handbook, halfpage
400
500
900
12
4
0
8
16
600
700
800
MGG816
f (MHz)
Gp
(dB)
Fig.13 Definition of transistor impedance.
handbook, halfpage
MBA451
Zi
ZL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com