Electronic Components Datasheet Search
  English  ▼

X  

BLV862 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLV862
Description  UHF linear push-pull power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV862 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLV862 Datasheet HTML 1Page - NXP Semiconductors BLV862 Datasheet HTML 2Page - NXP Semiconductors BLV862 Datasheet HTML 3Page - NXP Semiconductors BLV862 Datasheet HTML 4Page - NXP Semiconductors BLV862 Datasheet HTML 5Page - NXP Semiconductors BLV862 Datasheet HTML 6Page - NXP Semiconductors BLV862 Datasheet HTML 7Page - NXP Semiconductors BLV862 Datasheet HTML 8Page - NXP Semiconductors BLV862 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Jun 25
4
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
CHARACTERISTICS
Values apply to either transistor section; Tj =25 °C unless otherwise specified.
Note
1. The value of Cc is that of the die only, it is not measurable because of the internal matching network.
APPLICATION INFORMATION
RF performance at Th =25 °C in a common emitter push-pull class-AB test circuit; note 1.
Note
1. See application note
“AN98014 in handbook SC19b.”
Ruggedness in class-AB operation
The BLV862 is capable of withstanding a load mismatch corresponding to VSWR =2:1 through all phases under the
conditions: Th =25 °C; f = 860 MHz; VCE = 28 V; ICQ = 0.8 A; PL = 150 W; Rth mb-h = 0.15 K/W.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IE = 0; IC =60mA
65
−−
V
V(BR)CEO
collector-emitter breakdown voltage
IB = 0; IC = 150 mA
30
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE = 3 mA; IC =0
3
−−
V
ICBO
collector-base leakage current
VCB =28V
−−
5mA
hFE
DC current gain
IC = 4.5 A; VCE =10V
30
−
140
−
∆h
FE
DC current gain ratio of both sections
IC = 4.5 A; VCE = 10 V
0.67
−
1.5
−
Cc
collector capacitance
IE =ie= 0; VCE =28V;
f = 1 MHz; note 1
−
75
−
pF
MODE OF OPERATION
f
(MHz)
VCE
(V)
ICQ
(A)
PL
(W)
Gp
(dB)
ηC
(%)
∆Gp
(dB)
CW class-AB
860
28
0.8
150
≥8
typ. 9
≥45
typ. 52
≤1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com