Electronic Components Datasheet Search
  English  ▼

X  

MFEV730 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MFEV730
Description  PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFEV730 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MFEV730 Datasheet HTML 17Page - NXP Semiconductors MFEV730 Datasheet HTML 18Page - NXP Semiconductors MFEV730 Datasheet HTML 19Page - NXP Semiconductors MFEV730 Datasheet HTML 20Page - NXP Semiconductors MFEV730 Datasheet HTML 21Page - NXP Semiconductors MFEV730 Datasheet HTML 22Page - NXP Semiconductors MFEV730 Datasheet HTML 23Page - NXP Semiconductors MFEV730 Datasheet HTML 24Page - NXP Semiconductors MFEV730 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
NXP Semiconductors
CLRD730
PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with
optional contact interface
6.8 PC/SC mode
Supported PC/SC communication mode on Pegoda CLRD730 reader is a standard contactless communication
for ISO/IEC14443-L3&L4 and ISO/IEC 15693 products. GET DATA (Part 3. PC/SC chapter 3.2.2.1.3) can be
used to retrieve the UID and historical bytes of ATS (where applicable).
Communication with ISO14443-L4 products is natively supported. For ISO14443-L3 one can use standard PC/
SC commands for memory cards or proprietary transparent commands. For ISO15693 products one can use
proprietary transparent commands.
The reader implements the commands defined in Part 3. of the PC/SC specification as:
• 3.2.2.1.3 GET DATA
• 3.2.2.1.4 LOAD KEYS
• 3.2.2.1.5 AUTHENTICATE
• 3.2.2.1.8 READ BINARY
• 3.2.2.1.9 UPDATE BINARY
GET DATA can be used on any card type, while others are only supported on MIFARE Classic EV1 and
MIFARE Ultralight product-based cards. Refer to the PC/SC specification for more information.
Example of GET VERSION on MIFARE DESFire card (with ISO14443-L4 wrapping):
Command: 90 60 00 00 00
Response: 04 01 01 33 00 1A 05 91 AF
Command: 90 AF 00 00 00
Response: 04 01 01 03 FE 1A 05 91 AF
Command: 90 AF 00 00 00
Response: 04 B3 4F D2 DB 6B 80 99 48 95 00 00 11 20 91 00
Example of working with MIFARE Classic EV1 card:
LOAD KEY:
Command: FF 82 00 00 06 FF FF FF FF FF FF
Response: 90 00
AUTHENTICATE
Command: FF 86 00 00 05 01 00 00 60 00
Response: 90 00
READ BINARY
Command: FF B0 00 02 10
Response: 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 90 00
UPDATE BINARY
Command: FF D6 00 02 10 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F
Response: 90 00
READ BINARY
Command: FF B0 00 02 10
Response: 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 90 00
CLRD730
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 6 July 2023
21 / 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com