Electronic Components Datasheet Search
  English  ▼

X  

MFEV730 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MFEV730
Description  PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFEV730 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MFEV730 Datasheet HTML 24Page - NXP Semiconductors MFEV730 Datasheet HTML 25Page - NXP Semiconductors MFEV730 Datasheet HTML 26Page - NXP Semiconductors MFEV730 Datasheet HTML 27Page - NXP Semiconductors MFEV730 Datasheet HTML 28Page - NXP Semiconductors MFEV730 Datasheet HTML 29Page - NXP Semiconductors MFEV730 Datasheet HTML 30Page - NXP Semiconductors MFEV730 Datasheet HTML 31Page - NXP Semiconductors MFEV730 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
NXP Semiconductors
CLRD730
PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with
optional contact interface
8.4 Compliance information according to Article 10.8 of the Radio Equipment Directive
2014/53/EU
The following information is provided per Article 10.8 of the Radio Equipment Directive 2014/53/EU:
(a) Frequency bands in which the equipment operates.
(b) The maximum RF power transmitted.
PN
RF Technology
Freq. Ranges
Max. Transmitted Power
CLRD730
RFID
13.553 – 13.567 MHz
30 dBm
EUROPEAN DECLARATION OF CONFORMITY (Simplified DoC per Article 10.9 of the Radio Equipment
Directive 2014/53/EU).
This apparatus, namely CLRD730 Contactless Reader, conforms to the Radio Equipment Directive 2014/53/EU.
The full EU Declaration of Conformity for this apparatus can be delivered on request via https://www.nxp.com/
mynxp/secure-files.
8.5 CE Declaration of Conformity
This Information Technology Equipment has been tested and found to comply with the following European
directives:
Harmonized
standards applied
Description
EN 62368-1:2020 +
A11:2020
Health and safety requirements pursuant to § 3 (1) 1. (Article 3(1) a)
EN 300 330
Air interface of the radio systems pursuant to § 3(2) (Article 3(2))
EN 303 446-1
Electromagnetic compatibility (EMC) standard for combined and/or integrated radio and non-radio
equipment; Part 1: Requirements for equipment intended to be used in residential, commercial and
light industry locations; Harmonized standard covering the essential requirements of article 3.1 (b)
of Directive 2014/53/EU
EN 301 489-1
ElectroMagnetic Compatibility (EMC) standard for radio equipment and services; Part 1: Common
technical requirements; Harmonized Standard covering the essential requirements of article 3.1(b)
of Directive 2014/53/EU and the essential requirements of article 6 of Directive 2014/30/EU
EN 301 489-3
ElectroMagnetic Compatibility (EMC) standard for radio equipment and services; Part 3: Specific
conditions for Short-Range Devices (SRD) operating on frequencies between 9 kHz and 246 GHz;
Harmonized standard covering the essential requirements of article 3.1(b) of Directive 2014/53/EU
EN 301 489-17
ElectroMagnetic Compatibility (EMC) standard for radio equipment and ElectroMagnetic
Compatibility (EMC) standard for radio equipment and services; Part 17: Specific conditions for
Broadband Data Transmission Systems; Harmonized Standard covering the essential requirements
of
article 3.1(b) of Directive 2014/53/EU
EN 61000-3-2
Electromagnetic compatibility - Limits for harmonic current emissions
EN 61000-3-3
Electromagnetic compatibility - Limitation of voltage fluctuations and flicker in low-voltage supply
systems
EN 61000-4-2
Electromagnetic compatibility – Electronic discharge immunity test
EN 61000-4-3
Electromagnetic compatibility – Radiated radio-frequency electromagnetic field immunity test
Table 11. CE Declaration of Conformity
CLRD730
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 6 July 2023
28 / 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com