Electronic Components Datasheet Search
  English  ▼

X  

MFEV730 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MFEV730
Description  PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFEV730 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MFEV730 Datasheet HTML 4Page - NXP Semiconductors MFEV730 Datasheet HTML 5Page - NXP Semiconductors MFEV730 Datasheet HTML 6Page - NXP Semiconductors MFEV730 Datasheet HTML 7Page - NXP Semiconductors MFEV730 Datasheet HTML 8Page - NXP Semiconductors MFEV730 Datasheet HTML 9Page - NXP Semiconductors MFEV730 Datasheet HTML 10Page - NXP Semiconductors MFEV730 Datasheet HTML 11Page - NXP Semiconductors MFEV730 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
NXP Semiconductors
CLRD730
PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with
optional contact interface
Figure 5. PCB main board - top side
Figure 6. Photograph
PCB main board - top side
Figure 7. PCB main board - bottom side
Figure 8. Photograph
PCB main board - bottom side
For contactless interface support, an antenna board with a dimension of 68 mm x 64 mm is built into the
housing based on a 4-layer PCB. Passive electronic parts (resistors and capacitors) for antenna matching as
well LEDs are mounted directly on the printed-circuit board to represent the
1. Communication Mode, PS/SC, or VCOM
2. Communication Status
3. Mass Storage Mode
CLRD730
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 6 July 2023
8 / 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com