Electronic Components Datasheet Search
  English  ▼

X  

MFEV730 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MFEV730
Description  PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFEV730 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MFEV730 Datasheet HTML 20Page - NXP Semiconductors MFEV730 Datasheet HTML 21Page - NXP Semiconductors MFEV730 Datasheet HTML 22Page - NXP Semiconductors MFEV730 Datasheet HTML 23Page - NXP Semiconductors MFEV730 Datasheet HTML 24Page - NXP Semiconductors MFEV730 Datasheet HTML 25Page - NXP Semiconductors MFEV730 Datasheet HTML 26Page - NXP Semiconductors MFEV730 Datasheet HTML 27Page - NXP Semiconductors MFEV730 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
NXP Semiconductors
CLRD730
PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with
optional contact interface
7 Limiting values
The Pegoda CLRD730 desktop reader is USB powered. This requires a limitation of the maximum total power
consumption below 2.5 Watts. That corresponds to 5 volts with a maximum supply current of 500 mA over USB.
The desktop reader is designed to work in a range of 4.75 Volts to 5.25 Volts and to stay fully functional within
this range with a typical power consumption of 300 mA (max. 450 mA).
7.1 Contactless reader CLRD730 electrical specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
+5 V
+5 V power supply
active reader
4.75
5.00
5.25
V
Tamb
ambient temperature
-
-10
+25
+60
°C
Table 6. Operating range
Symbol
Description
Conditions
Min
Typ
Max
Unit
IC5V
supply current
active, RF on
-
300
450
mA
Table 7. Current consumption
Symbol
Description
Conditions
Min
Typ
Max
Unit
DST
operating distance
measured from the center of the
antenna
-
0 – 75
-
mm
Table 8. Operating distance
Symbol
Description
Conditions
Min
Typ
Max
Unit
USB*
USB 2.0 host
cable length 1 m
-
12
-
Mbaud
I2C
I2C controller
cable length max. 1 m
-
400 kbits/s
up to 3.4
Mbit/s
SWD
SWD (debug)
cable length max. 1 m
-
400 kbits/s
-
Mbit/s
I2C
I2C host
cable length max. 1 m
-
400 kbits/s
up to 3.4
Mbit/s
Table 9. Interface characteristics
(1*) USB 2.0 cable is type USB-A to USB-C cable with a max. length of up-to 1.8 m.
CLRD730
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 6 July 2023
24 / 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com