Electronic Components Datasheet Search
  English  ▼

X  

CD4052B Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052B
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052B Datasheet(HTML) 14 Page - Texas Instruments

Back Button CD4052B Datasheet HTML 10Page - Texas Instruments CD4052B Datasheet HTML 11Page - Texas Instruments CD4052B Datasheet HTML 12Page - Texas Instruments CD4052B Datasheet HTML 13Page - Texas Instruments CD4052B Datasheet HTML 14Page - Texas Instruments CD4052B Datasheet HTML 15Page - Texas Instruments CD4052B Datasheet HTML 16Page - Texas Instruments CD4052B Datasheet HTML 17Page - Texas Instruments CD4052B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
6.7 Electrical Characteristics – CDIP, PDIP, SOIC and SOP Packages (continued)
Over operating free-air temperature range, VSUPPLY = ±5 V, and RL = 100 Ω, (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN TYP MAX
UNIT
VIS (V)
VEE (V)
VSS (V)
VDD (V)
TEMP
Propagation
Delay Time
Inhibit-to-Signal OUT
(Channel Turning ON) (See
Figure 7-3)
tr , tf = 20
ns,
CL = 50 pF,
RL = 1 kΩ
0 V
0 V
5 V
400
720
ns
0 V
0 V
10 V
160
320
0 V
0 V
15 V
120
240
–10 V
0 V
5 V
200
400
Propagation
Delay Time
Inhibit-to-Signal OUT
(Channel Turning OFF)
(See Figure 7-10)
tr , tf = 20
ns,
CL = 50 pF,
RL = 10 kΩ
0 V
0 V
5 V
200
450
ns
0 V
0 V
10 V
90
210
0 V
0 V
15 V
90
160
–10 V
0 V
5 V
130
300
Input Capacitance, CIN (Any Address or Inhibit Input)
–5 V
0 V
5 V
25°C
5
7.5
pF
(1)
Peak-to-Peak voltage symmetrical about (VDD – VEE) / 2.
(2)
Determined by minimum feasible leakage measurement for automatic testing.
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com