Electronic Components Datasheet Search
  English  ▼

X  

CD4052B Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052B
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052B Datasheet(HTML) 22 Page - Texas Instruments

Back Button CD4052B Datasheet HTML 18Page - Texas Instruments CD4052B Datasheet HTML 19Page - Texas Instruments CD4052B Datasheet HTML 20Page - Texas Instruments CD4052B Datasheet HTML 21Page - Texas Instruments CD4052B Datasheet HTML 22Page - Texas Instruments CD4052B Datasheet HTML 23Page - Texas Instruments CD4052B Datasheet HTML 24Page - Texas Instruments CD4052B Datasheet HTML 25Page - Texas Instruments CD4052B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
11
10
9
6
A
B
C
INH
12
3
5
1
2
13
TG
TG
TG
TG
TG
TG
4
COMMON
OUT/IN
ax
ay
bx
by
cx
cy
8
7
V
V
SS
EE
16 V
IN/OUT
DD
15
14
BINARY TO
1 OF 2
DECODERS
WITH
INHIBIT
LOGIC
LEVEL
CONVERSION
VDD
COMMON
OUT/IN
COMMON
OUT/IN
ax OR ay
bx OR by
cx OR cy
All inputs are protected by standard CMOS protection network.
Figure 8-3. Functional Block Diagram, CD4053B
8.3 Feature Description
The CD405xB line of multiplexers and demultiplexers can accept a wide range of digital and analog signal levels.
Digital signals range from 3 V to 20 V, and analog signals are accepted at levels ≤ 20 V. The devices have low
ON resistance, typically 125 Ω over 15 VP-P signal input range for VDD – VEE = 18 V. This feature allows for very
little signal loss through the switch. Matched switch characteristics are typically rON = 5 Ω for VDD – VEE = 15 V.
The CD405xB devices also have high OFF resistance, which keeps from wasting power when the switch is
in the OFF position, with typical channel leakage of ±100 pA at VDD – VEE = 18 V. Very low quiescent power
dissipation under all digital-control input and supply conditions, typically 0.2 µW at VDD – VSS = VDD – VEE = 10
V keeps power consumption total very low. All devices have been 100% tested for quiescent current at 20 V with
maximum input current of 1 µA at 18 V over the full package temperature range, and only 100 nA at 18 V and
25°C.
Logic-level conversion for digital addressing signals of 3 V to 20 V (VDD – VSS = 3 V to 20 V) to switch analog
signals to 20 VP-P (VDD – VEE = 20 V). Binary address decoding on chip makes channel selection easy. When
channels are changed, a break-before-make system eliminates channel overlap.
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com