Electronic Components Datasheet Search
  English  ▼

X  

CD4052B Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052B
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052B Datasheet(HTML) 24 Page - Texas Instruments

Back Button CD4052B Datasheet HTML 20Page - Texas Instruments CD4052B Datasheet HTML 21Page - Texas Instruments CD4052B Datasheet HTML 22Page - Texas Instruments CD4052B Datasheet HTML 23Page - Texas Instruments CD4052B Datasheet HTML 24Page - Texas Instruments CD4052B Datasheet HTML 25Page - Texas Instruments CD4052B Datasheet HTML 26Page - Texas Instruments CD4052B Datasheet HTML 27Page - Texas Instruments CD4052B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The CD405xB multiplexers and demultiplexers can be used for a wide variety of applications.
9.2 Typical Application
One application of the CD4051B is to use it in conjunction with a microcontroller to poll a keypad. Figure
9-1 shows the basic schematic for such a polling system. The microcontroller uses the channel select pins
to cycle through the different channels while reading the input to see if a user is pressing any of the keys.
This application is a very robust setup, allowing for multiple simultaneous key-presses with very little power
consumption. This setup also uses very few pins on the microcontroller. The down side of polling is that the
microcontroller must continually scan the keys for a press and can do little else during this process.
INH
C B A
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
Ch 0
Ch 1
Ch 2
Ch 3
Ch 4
Ch 5
Ch 6
Ch 7
C
B
A
COM
CD4051B
Microcontroller
k0
k1
k3
k7
k5
k4
k2
k6
Input
Channel Select
VEE
VSS
VDD
Pull-down resistors (10NŸ)
3.3 V
3.3 V
Figure 9-1. The CD4051B Being Used to Help Read Button Presses on a Keypad.
9.2.1 Design Requirements
These devices use CMOS technology and have balanced output drive. Take care to avoid bus contention
because it can drive currents that would exceed maximum limits. The high drive will also create fast edges into
light loads, so routing and load conditions should be considered to prevent ringing.
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com