Electronic Components Datasheet Search
  English  ▼

X  

CD4052B Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052B
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052B Datasheet(HTML) 16 Page - Texas Instruments

Back Button CD4052B Datasheet HTML 12Page - Texas Instruments CD4052B Datasheet HTML 13Page - Texas Instruments CD4052B Datasheet HTML 14Page - Texas Instruments CD4052B Datasheet HTML 15Page - Texas Instruments CD4052B Datasheet HTML 16Page - Texas Instruments CD4052B Datasheet HTML 17Page - Texas Instruments CD4052B Datasheet HTML 18Page - Texas Instruments CD4052B Datasheet HTML 19Page - Texas Instruments CD4052B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
6.9 Typical Characteristics
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
10
10
10
10
5
4
3
V
= 15V
DD
V
= 5V
DD
C = 15pF
L
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
1
TEST CIRCUIT
V
3
DD
5
10
11
6
7
8
14
15
1
2
13
12
4
C
CD4051
L
f
100Ω
100Ω
B/D
CD4029
VDD
A B C
9
Ι
V
= 10V
DD
Figure 6-1. Dynamic Power Dissipation vs Switching Frequency
(CD4051B)
105
10
10
10
4
3
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
1
V
= 15V
DD
V
= 5V
DD
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
V
3
DD
5
10
11
6
7
8
14
15
1
2
13
12
4
C
CD4052
L
f
100Ω
B/D
CD4029
VDD
A B
9
Ι
TEST CIRCUIT
V
= 10V
DD
C = 15pF
L
Figure 6-2. Dynamic Power Dissipation vs Switching Frequency
(CD4052B)
105
10
10
10
4
3
V
= 15V
DD
V
= 10V
DD
V
= 5V
DD
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
C = 15pF
L
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
Ι
TEST CIRCUIT
VDD
9
3
5
10
11
6
7
8
14
15
1
2
13
12
4
C
CD4053
L
f
100
Ω
100
Ω
1
Figure 6-3. Dynamic Power Dissipation vs Switching Frequency (CD4053B)
7 Parameter Measurement Information
V
= 5V
DD
V
= 0V
SS
V
= -7.5V
EE
7
8
(B)
(C)
(D)
(A)
V
= 7.5V
DD
7.5V
16
16
16
16
7
8
7
8
V
= 5V
DD
V
= 15V
DD
V
= 0V
SS
V
= 0V
EE
7
8
5V
EE
V
= -10V
V
= 0V
SS
V
= 0V
SS
5V
EE
V
= -5V
Figure 7-1. Typical Bias Voltages
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com