Electronic Components Datasheet Search
  English  ▼

X  

BLW50F Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW50F
Description  HF/VHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW50F Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW50F Datasheet HTML 4Page - NXP Semiconductors BLW50F Datasheet HTML 5Page - NXP Semiconductors BLW50F Datasheet HTML 6Page - NXP Semiconductors BLW50F Datasheet HTML 7Page - NXP Semiconductors BLW50F Datasheet HTML 8Page - NXP Semiconductors BLW50F Datasheet HTML 9Page - NXP Semiconductors BLW50F Datasheet HTML 10Page - NXP Semiconductors BLW50F Datasheet HTML 11Page - NXP Semiconductors BLW50F Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
August 1986
8
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW50F
R.F. performance in s.s.b. class-AB operation (linear power amplifier)
VCE = 50 V; f1 = 28,000 MHz; f2 = 28,001 MHz
List of components:
Note
1. Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
OUTPUT POWER
Gp
ηdt(%)
IC (A)
d3(1)
d5(1)
IC(ZS)
Th
W
dB
AT 65 W P.E.P.
dB
dB
mA
°C
10 to 65 (P.E.P.)
typ. 18
typ. 45
typ. 1,45
typ.
−30
<−30
50
25
C1
=
C2 = 10 to 780 pF film dielectric trimmer
C3
=
C5 = C6 = 220 nF polyester capacitor
C4
=
120 pF ceramic capacitor (500 V)
C7
=
150 pF ceramic capacitor (500 V)
C8
=
47
µF/63 V electrolytic capacitor
C9
=
3,9 nF ceramic capacitor
L1
=
4 turns closely wound enamelled Cu wire (1,6 mm); int. dia 7,0 mm; leads 2
× 5 mm
L2
=
Ferroxcube wide-band h.f. choke, grade 3B (cat.no. 4312 020 36640)
L3
=
9 turns enamelled Cu wire (1,0 mm); int. dia. 10 mm; length 14,5 mm; leads 2
× 5 mm
L4
=
6 turns enamelled Cu wire (1,0 mm); int. dia. 6,5 mm; length 11,0 mm; leads 2
× 5 mm
R1
=
2,4
Ω; parallel connection of 2 × 4,7 Ω carbon resistors
R2
=
39
Ω carbon resistor
Fig.10 Test circuit; s.s.b. class-AB.
handbook, full pagewidth
MGP474
50
Ω
50
Ω
C2
L2
L3
C7
R2
C1
+VCC
L1
R1
T.U.T.
C9
L4
C4
C5
C6
C8
C3
temperature
compensated bias
(Ri < 0.1 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com