Electronic Components Datasheet Search
  English  ▼

X  

BLW50F Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLW50F
Description  HF/VHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW50F Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLW50F Datasheet HTML 4Page - NXP Semiconductors BLW50F Datasheet HTML 5Page - NXP Semiconductors BLW50F Datasheet HTML 6Page - NXP Semiconductors BLW50F Datasheet HTML 7Page - NXP Semiconductors BLW50F Datasheet HTML 8Page - NXP Semiconductors BLW50F Datasheet HTML 9Page - NXP Semiconductors BLW50F Datasheet HTML 10Page - NXP Semiconductors BLW50F Datasheet HTML 11Page - NXP Semiconductors BLW50F Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
August 1986
10
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW50F
Fig.13 Power gain as a function of frequency.
handbook, halfpage
30
10
0
20
MGP477
110
102
Gp
(dB)
f (MHz)
VCE = 50 V; IC(ZS) = 50 mA; PL = 60 W;
Th =25 °C; ZL = 16 Ω.
Fig.14 Input impedance (series components) as
a function of frequency.
handbook, halfpage
20
0
−10
10
MGP478
110
102
ri, xi
(
Ω)
f (MHz)
xi
ri
VCE = 50 V; IC(ZS) = 50 mA; PL = 60 W;
Th =25 °C; ZL = 16 Ω.
Figs 13 and 14 are typical curves and hold for an
unneutralized amplifier in s.s.b. class-AB operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com