Electronic Components Datasheet Search
  English  ▼

X  

BLW50F Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLW50F
Description  HF/VHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW50F Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLW50F Datasheet HTML 4Page - NXP Semiconductors BLW50F Datasheet HTML 5Page - NXP Semiconductors BLW50F Datasheet HTML 6Page - NXP Semiconductors BLW50F Datasheet HTML 7Page - NXP Semiconductors BLW50F Datasheet HTML 8Page - NXP Semiconductors BLW50F Datasheet HTML 9Page - NXP Semiconductors BLW50F Datasheet HTML 10Page - NXP Semiconductors BLW50F Datasheet HTML 11Page - NXP Semiconductors BLW50F Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
August 1986
9
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW50F
Fig.11 Intermodulation distortion as a function of
output power(1).
handbook, halfpage
025
50
75
−20
−40
−30
MGP475
d3, d5
(dB)
d3
P.E.P. (W)
d5
VCE = 50 V; IC(ZS) = 50 mA; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th =25 °C; typical values.
Fig.12 Double-tone efficiency and power gain as a
function of output power.
handbook, halfpage
025
50
75
50
0
25
MGP476
20
0
10
Gp
(dB)
P.E.P. (W)
ηdt
ηdt
(%)
Gp
VCE = 50 V; IC(ZS) = 50 mA; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th =25 °C; typical values.
Ruggedness in s.s.b. operation
The BLW50F is capable of withstanding full load mismatch
(VSWR = 50 through all phases) up to 45 W (P.E.P.) under
the following conditions:
VCE = 50 V; f1 = 28,000 MHz; f2 = 28,001 MHz; Th = 70 °C;
Rth mb-h = 0,3 K/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com