Electronic Components Datasheet Search
  English  ▼

X  

BLW90 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLW90
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW90 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLW90 Datasheet HTML 1Page - NXP Semiconductors BLW90 Datasheet HTML 2Page - NXP Semiconductors BLW90 Datasheet HTML 3Page - NXP Semiconductors BLW90 Datasheet HTML 4Page - NXP Semiconductors BLW90 Datasheet HTML 5Page - NXP Semiconductors BLW90 Datasheet HTML 6Page - NXP Semiconductors BLW90 Datasheet HTML 7Page - NXP Semiconductors BLW90 Datasheet HTML 8Page - NXP Semiconductors BLW90 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
August 1986
5
Philips Semiconductors
Product specification
UHF power transistor
BLW90
Fig.4 Typical values; Tj =25 °C.
handbook, halfpage
0
0.5
1.5
100
0
MGP662
1
75
50
25
IC (A)
hFE
VCE = 25 V
5 V
Fig.5 IE =Ie = 0; f = 1 MHz; Tj = 25 °C.
handbook, halfpage
0
102030
40
30
10
0
20
MGP663
typ
VCB (V)
Cc
(pF)
Fig.6 VCB = 28 V; f = 500 MHz; Tj = 25 °C.
handbook, halfpage
0
0.5
1
1.5
2
0
MGP664
1.5
0.5
1
−IE (A)
fT
(GHz)
typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com