Electronic Components Datasheet Search
  English  ▼

X  

BLW90 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLW90
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW90 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLW90 Datasheet HTML 3Page - NXP Semiconductors BLW90 Datasheet HTML 4Page - NXP Semiconductors BLW90 Datasheet HTML 5Page - NXP Semiconductors BLW90 Datasheet HTML 6Page - NXP Semiconductors BLW90 Datasheet HTML 7Page - NXP Semiconductors BLW90 Datasheet HTML 8Page - NXP Semiconductors BLW90 Datasheet HTML 9Page - NXP Semiconductors BLW90 Datasheet HTML 10Page - NXP Semiconductors BLW90 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
August 1986
10
Philips Semiconductors
Product specification
UHF power transistor
BLW90
PACKAGE OUTLINE
UNIT
A
D1
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
8-32
UNC
α
90
°
SOT122A
97-04-18
H
b
H
L
detail X
D
b
5.85
5.58
0.18
0.14
5.97
4.74
cM1
M
1.02
NN3
11.82
11.04
w1
0.381
Q
3.38
2.74
3.86
2.92
H
27.56
25.78
9.91
9.14
3.18
2.66
1.66
1.39
7.50
7.23
6.48
6.22
7.24
6.93
L
N1
max.
0
5
10 mm
scale
D2
M
ceramic
BeO
metal
W
Q
A
N
N1
N3
M1
D
c
X
1
4
3
2
Studded ceramic package; 4 leads
SOT122A
α
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
A
w1
A
M
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com