Electronic Components Datasheet Search
  English  ▼

X  

BLW90 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW90
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW90 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW90 Datasheet HTML 2Page - NXP Semiconductors BLW90 Datasheet HTML 3Page - NXP Semiconductors BLW90 Datasheet HTML 4Page - NXP Semiconductors BLW90 Datasheet HTML 5Page - NXP Semiconductors BLW90 Datasheet HTML 6Page - NXP Semiconductors BLW90 Datasheet HTML 7Page - NXP Semiconductors BLW90 Datasheet HTML 8Page - NXP Semiconductors BLW90 Datasheet HTML 9Page - NXP Semiconductors BLW90 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
August 1986
6
Philips Semiconductors
Product specification
UHF power transistor
BLW90
APPLICATION INFORMATION
R.F. performance in c.w. operation (unneutralized common-emitter class-B circuit); Th = 25 °C
List of components:
Component layout and printed-circuit board for 470 MHz test circuit are shown in Fig.8.
f (MHz)
VCE (V)
PL (W)
PS (W)
Gp (dB)
IC (A)
η (%)
zi (Ω)
ZL (Ω)
470
28
4
<
0,32
>
11
< 0,26
> 55
1,7
+ j1,8
8
+ j26
470
28
4
typ. 0,23
typ. 12,5
typ. 0,25
typ. 58
−−
C1 = C5 = C6 = 1,4 to 5,5 pF film dielectric trimmer (cat. no. 2222 809 09001)
C2 = 2 to 9 pF film dielectric trimmer (cat. no. 2222 809 09002)
C3 = 100 pF feed-through capacitor
C4 = 100 nF polyester capacitor
L1
= stripline (34,8 mm
× 6,0 mm)
L2
= 320 nH; 13 turns closely wound enamelled Cu wire (0,5 mm); int. dia. 4 mm; leads 2
× 4 mm
L3
= L7 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L4
= stripline (12,0 mm
× 6,0 mm)
L5
= 265 nH; 13 turns closely wound enamelled Cu wire (0,35 mm); int. dia. 3,5 mm; leads 2
× 4 mm
L6
= 29 nH; 3 turns closely wound enamelled Cu wire (1 mm); int. dia. 3,5 mm; leads 2
× 4mm
L1 and L4 are striplines on a double Cu-clad printed-circuit board with PTFE fibre-glass dielectric (
ε
r = 2,74);
thickness 1/16".
R1 = 100
Ω carbon resistor
R2 = 10
Ω carbon resistor
Fig.7 Test circuit; c.w. class-B.
handbook, full pagewidth
MGP665
50
Ω
50
Ω
C2
L2
C1
C5
R2
C4
C3
C6
L4
+VCC
L6
L5
L7
L1
L3
T.U.T.
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com